전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS-5E-R

  • AI
    The **M2RS-5E-R** is a specific model of an **Industrial Slim Plug-in Relay** (often associated with brands like IDEC or similar manufacturers in the automation space). It is designed for high-density mounting on DIN rails or PCBs, primarily used for switching signals or power in control panels. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Relay Type** | Slim Interface Relay | | **Contact Configuration** | 1PDT (1 Form C) | | **Contact Material** | AgSnO2 (Silver Tin Oxide) | | **Rated Load (Resistive)** | 250V AC / 6A or 30V DC / 6A | | **Coil Voltage** | 5V DC | | **Mounting Style** | Plug-in (compatible with sockets) or PCB | | **Environmental Protection** | RTIII (Wash-tight) | --- ### 2. Breakdown of Electronic Components The M2RS-5E-R consists of several critical internal and external parts: #### A. The Electromagnetic Coil The "5E" in the part number typically signifies a **5V DC** operating voltage. * **Function:** When current flows through the copper windings, it creates a magnetic field. * **Sensitivity:** Designed for low power consumption, making it suitable for direct drive from microcontrollers or PLC output cards. #### B. Contact System (SPDT/1 Form C) This part handles the actual switching of the load. * **Common (COM):** The moving part of the switch. * **Normally Closed (NC):** Connected to COM when the coil is de-energized. * **Normally Open (NO):** Connects to COM when the coil is energized. * **Material:** The use of Silver Tin Oxide helps prevent contact welding and provides better endurance against inrush currents. #### C. Mechanical Structure * **Slim Housing:** Usually only 6mm wide. This allows for significant space saving in electrical cabinets. * **Pins:** Reinforced pins designed for secure insertion into a socket (like the SM2S series) or direct soldering onto a circuit board. --- ### 3. Connection Diagram Logic ```mermaid graph LR A[Coil Input +] --- B(Electromagnet) C[Coil Input -] --- B D[Common Terminal] -.-> E[NC Terminal] B -- Magnetic Force --> D D -- Switches to --> F[NO Terminal] ``` --- ### 4. Common Applications 1. **PLC Interface:** Acts as a buffer between sensitive PLC outputs and heavy industrial loads. 2. **Signal Isolation:** Protects control circuits from high-voltage spikes on the load side. 3. **Space-Constrained Panels:** Used where traditional "ice cube" relays are too bulky. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the M2RS-5E-R?
    • ⤷ Which DIN rail sockets are compatible with this specific relay?
    • ⤷ Does this model include a built-in LED indicator or protection diode?