전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS-6B-R2/N

  • AI
    Based on the product code, the **M2RS-6B-R2/N** typically refers to a high-performance **Remote I/O Module** or a **Signal Conditioner** from the M2 series (often associated with manufacturers like M-System). These devices are used in industrial automation to interface between field sensors and control systems (PLC/DCS). --- ### 1. Component Overview This specific model is a **Super-mini Signal Conditioner** designed for mounting on a base socket. Its primary function is to receive a specific input signal and convert it into a standardized, isolated output signal. ### 2. Technical Specifications The alphanumeric code indicates the following electronic characteristics: | Part Segment | Feature | Description | | :--- | :--- | :--- | | **M2RS** | **Model Series** | RTD (Resistance Temperature Detector) Transmitter. | | **6** | **Output Signal** | 1 – 5V DC (High impedance). | | **B** | **Power Input** | 100 – 240V AC (Standard industrial power). | | **R2** | **Input Type** | Pt 100 (RTD) - 3 wire system. | | **N** | **Option** | Usually denotes "None" or a specific standard configuration. | --- ### 3. Key Electronic Parts & Functions #### A. Input Circuit (RTD Interface) * **Sensor Excitation:** The module provides a constant current to the Pt100 sensor to measure resistance changes. * **3-Wire Compensation:** Includes circuitry to cancel out lead-wire resistance, ensuring temperature accuracy over long distances. * **Linearization:** Since RTD curves are not perfectly linear, internal analog or digital processing linearizes the signal relative to temperature. #### B. Isolation Barrier * **Galvanic Isolation:** Uses an internal transformer or optoisolator to separate the Input, Output, and Power circuits. * **Purpose:** Protects the PLC/DCS from high-voltage surges and eliminates ground loops. #### C. Power Supply Section * **AC/DC Converter:** Converts the 100-240V AC input into low-voltage DC for the internal operational amplifiers (Op-Amps) and reference diodes. * **Filtering:** Includes capacitors and inductors to reduce electromagnetic interference (EMI). #### D. Output Stage * **Signal Scaling:** Converts the processed temperature data into a stable 1–5V DC signal. * **Zero/Span Adjustment:** Potentiometers (trimmers) located on the front or side allow manual calibration of the signal range. --- ### 4. Hardware Interface * **Base Socket:** The module plugs into a multi-pin socket (typically M-System M2 series base) for easy DIN-rail mounting. * **LED Indicator:** Usually features a power LED to indicate the health of the internal DC rail.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Zero and Span on this specific model?
    • ⤷ What are the wiring diagrams for the 3-wire RTD input?
    • ⤷ What is the maximum isolation voltage for the M2RS series?