전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS-CZ-R2

  • AI
    The **M2RS-CZ-R2** is a specific model of an **Interface Relay** (often part of a slim or pluggable relay series) commonly used in industrial automation and control panels. These components act as a bridge between low-power control signals (like a PLC output) and high-power loads. --- ## Technical Specifications The part number typically breaks down into specific electronic characteristics. Below is a detailed look at its internal components and ratings: ### 1. Core Component: The Electromechanical Relay At the heart of the device is a miniature relay. It uses electromagnetic induction to flip a physical switch. | Feature | Specification (Typical for R2 Series) | | :--- | :--- | | **Coil Voltage** | Usually 24V DC (Standard for CZ-R2 types) | | **Contact Configuration** | DPDT (2 Changeover contacts) | | **Rated Current** | 5A to 8A per contact | | **Switching Voltage** | Max 250V AC / 30V DC | | **Mechanical Life** | ~10 million operations | ### 2. Electronic Protection & Indicators Modern interface relays like the M2RS series include integrated circuitry to protect the upstream controller: * **LED Status Indicator:** A green or red LED wired in parallel with the coil to indicate when the relay is energized. * **Freewheeling Diode (Flyback Diode):** Protects the PLC or transistor output from high-voltage spikes (back-EMF) generated when the relay coil is turned off. * **Polarity Protection:** Ensures the internal electronics aren't damaged if the DC supply is wired backward. --- ## Physical and Mounting Parts ### Socket and Housing The **CZ** in the part number often refers to the socket type or the combination unit. * **DIN Rail Mounting:** Designed to snap onto standard 35mm DIN rails. * **Screw or Push-in Terminals:** The wiring points for input (Coil: A1, A2) and output (Contacts: 11, 12, 14, etc.). * **Ejector Lever:** A plastic clip that holds the relay securely in the socket and allows for easy replacement without rewiring. --- ## Wiring Logic The electronics are divided into two isolated circuits: 1. **Input Side (Control):** Receives a low-voltage signal (e.g., 24VDC from a sensor or PLC). 2. **Output Side (Load):** The physical contacts that open or close a separate circuit (e.g., starting a motor or turning on a lamp). ```mermaid graph LR A[PLC/Signal] -->|24V DC| B(Relay Coil) B --> C{Electromagnet} C --> D[Mechanical Switch] D -->|250V AC| E[Industrial Load] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and R1 versions of this relay?
    • ⤷ How do I troubleshoot a M2RS relay that isn't switching?
    • ⤷ Can this relay be used with AC control signals instead of DC?