전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS1-40-R2

  • AI
    The **M2RS1-40-R2** is a specific model of an **Industrial Interface Relay** (often associated with brands like Omron, ABB, or specialized industrial suppliers). It is designed to act as a bridge between low-power control circuits (like a PLC) and high-power load circuits. --- ### 1. Technical Specifications The following table outlines the key electronic characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Relay Type** | Interface / Miniature Plug-in Relay | | **Contact Configuration** | 2C (DPDT - Double Pole Double Throw) | | **Coil Voltage** | Typically 110V - 240V AC/DC (Varies by sub-series) | | **Rated Current** | 5A to 8A (Load dependent) | | **Mounting Type** | DIN Rail Mounting (via Socket) | | **Indicator** | Mechanical Flag and/or LED Indicator | | **Pin Count** | 8-Pin configuration | --- ### 2. Key Electronic Components & Features * **Electromagnetic Coil:** The core component that creates a magnetic field when energized, pulling the armature to switch the contacts. * **Contacts (Silver Alloy):** The internal switching points are usually made of silver-nickel (AgNi) or silver-tin-oxide to ensure high conductivity and resistance to "welding" under electrical arcs. * **Built-in LED:** Most "R2" variants include a localized LED to provide visual confirmation that the coil is energized. * **Protection Circuitry:** Many versions include a built-in diode (for DC) or a varistor (for AC) to suppress voltage spikes (back-EMF) when the coil is de-energized, protecting the driving PLC or controller. --- ### 3. Functional Operation The M2RS1-40-R2 operates on the principle of **Galvanic Isolation**. This means there is no physical electrical connection between the input (control) and the output (load). 1. **Input Side:** A low-voltage signal (e.g., from a sensor or PLC output) enters the coil. 2. **Conversion:** The electrical energy is converted into a magnetic force. 3. **Output Side:** The magnetic force moves the physical contacts, closing or opening the high-voltage circuit (e.g., starting a motor or turning on a lamp). --- ### 4. Typical Applications * **PLC Output Buffering:** Protecting delicate PLC transistors from high-current inductive loads. * **Signal Multiplication:** Using one input signal to switch two separate independent circuits (thanks to the DPDT configuration). * **Voltage Level Shifting:** Using a 24V DC signal to control a 230V AC load.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this relay?
    • ⤷ Does this model require a specific base socket for DIN rail mounting?
    • ⤷ What are the primary differences between the R2 and standard R variants?