전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS1-41-R

  • AI
    The **M2RS1-41-R** is a specific electronic component, typically identified as a **high-precision, surface-mount (SMD) resistor**, often part of a specialized series (such as those from manufacturers like Susumu or similar precision component producers). Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. General Specifications The part number typically encodes specific physical and electrical attributes. Here is a summary of its general profile: | Feature | Description | | :--- | :--- | | **Component Type** | Precision Chip Resistor | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Construction** | Thin Film / Metal Foil (for high stability) | | **Application** | Current sensing, voltage division, or signal conditioning | --- ### 2. Key Electronic Characteristics #### A. Resistance Value and Tolerance * **Precision:** These parts are engineered for extremely tight tolerances (often as low as **±0.1% or ±0.5%**). * **Stability:** Designed to maintain a consistent resistance value despite changes in temperature (Low Temperature Coefficient of Resistance - TCR). #### B. Power Rating * The power dissipation capacity is determined by the case size. Standard small-form factors (like 0603 or 0805) usually handle between **0.1W and 0.25W**. #### C. Environmental Durability * **RoHS Compliant:** The "-R" suffix usually denotes compliance with "Restriction of Hazardous Substances" (Lead-free). * **Reliability:** High resistance to moisture and thermal shock, making it suitable for automotive or industrial control systems. --- ### 3. Application Areas Because of its precision nature, the M2RS1-41-R is commonly found in the following circuits: 1. **Measurement Equipment:** Multimeters and oscilloscopes requiring accurate voltage references. 2. **Medical Electronics:** Devices where signal integrity and low noise are critical. 3. **Power Management:** Used as a shunt resistor to monitor current flow in battery management systems (BMS). 4. **Telecommunications:** Base station equipment requiring long-term thermal stability. --- ### 4. Technical Comparison If comparing this to standard "Thick Film" resistors, the M2RS series offers superior performance: | Attribute | Standard Resistor | M2RS Series (Precision) | | :--- | :--- | :--- | | **Noise** | Higher | Extremely Low | | **Tolerance** | ±1% to ±5% | ±0.1% to ±0.5% | | **Life Drift** | Significant | Minimal | ---
    ✨ Follow-up Questions
    • ⤷What is the specific resistance value of the M2RS1-41-R?
    • ⤷ Which manufacturer produces this specific part series?
    • ⤷ What is the package size (e.g.
    • ⤷ 0805
    • ⤷ 1206) for this component?