전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS1-41-R2

  • AI
    The **M2RS1-41-R2** is a specific part number typically associated with high-performance **Magnetic Encoders** or **Rotary Sensor modules**, often used in industrial automation and robotics for precise position sensing. --- ### 1. Component Overview The M2RS series generally refers to **Magnetic Rotary Sensors**. These components are designed to detect the angular position of a rotating magnet and convert that physical movement into an electrical signal. | Feature | Specification Details | | :--- | :--- | | **Technology** | Magnetic (Hall Effect or AMR/GMR) | | **Interface** | Typically Serial (SSI, SPI) or Incremental (A/B/Z) | | **Resolution** | High Precision (Often 12-bit to 16-bit) | | **Form Factor** | Compact, PCB-mountable sensor module | | **Mounting** | Surface Mount or Plug-in | --- ### 2. Key Electronic Characteristics The "41-R2" suffix usually denotes specific electrical configurations and physical revisions. * **Non-Contact Sensing:** Unlike optical encoders, these electronic parts use magnetic fields. This makes them immune to dust, oil, and moisture. * **Voltage Supply:** Usually operates within a standard range (e.g., **3.3V or 5V DC**). * **Output Signal:** * **Digital:** Sends position data via a communication protocol. * **Analog/Sin-Cos:** Some variants provide raw sine/cosine waves for external interpolation. * **Thermal Stability:** These parts are engineered to maintain accuracy across wide temperature ranges (e.g., -40°C to +105°C). --- ### 3. Internal Block Diagram Concept The internal electronics of a part like the M2RS1-41-R2 typically consist of three main stages: ```mermaid graph LR A[Magnetic Field] --> B[Sensing Elements] B --> C[Signal Conditioning / Op-Amps] C --> D[DSP / Microcontroller] D --> E[Output: SSI/SPI/PWM] ``` --- ### 4. Typical Applications These electronic parts are found in systems where space is limited but high reliability is required: 1. **BLDC Motor Control:** Feedback for electronic commutation. 2. **Robotic Joints:** Monitoring the precise angle of a robot arm. 3. **Medical Equipment:** High-precision pumps or scanning beds. 4. **Automotive Steering:** Measuring steering wheel angle. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M2RS1-41-R2?
    • ⤷ How does this sensor compare to an optical encoder in terms of durability?
    • ⤷ Which specific communication protocol does the R2 revision use?