전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS1-C0-R

  • AI
    The **M2RS1-C0-R** is a specific model within the **M2RS series** of slim-type plug-in signal conditioners (isolators) manufactured by **M-System**. Its primary electronic function is to accept a DC input signal and provide an isolated DC output signal, typically used to prevent ground loops and protect control systems. --- ## 1. Technical Specifications Breakdown The model number encodes the specific electronic characteristics of the device: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2RS1** | Model Series | Slim-type Signal Conditioner (Isolator) | | **C** | Input Signal | 1 to 5 V DC | | **0** | Output Signal | 4 to 20 mA DC (Current Loop) | | **R** | Power Input | 24 V DC | --- ## 2. Key Electronic Components & Internal Layout Inside the M2RS1-C0-R, several critical electronic stages work together to process the signal: ### A. Input Stage * **High Impedance Buffer:** Receives the 1-5V DC signal. The high input resistance (typically $\ge 1 M\Omega$) ensures that the device does not load down the source sensor or controller. * **Surge Protection:** Includes Zener diodes or varistors to protect internal circuitry from voltage spikes. ### B. Isolation Barrier * **Optical or Magnetic Coupling:** This is the core of the device. It converts the electrical signal into light (Opto-coupler) or a magnetic field (Transformer) to jump a physical gap. * **Galvanic Isolation:** Provides 2000V AC isolation between the input, output, and power supply. This prevents noise from one circuit from affecting another. ### C. Output Stage (Current Driver) * **Voltage-to-Current Converter:** Transmutes the isolated signal into a precise 4-20mA current. * **Load Drive Capability:** Designed to drive loads up to $550 \Omega$. ### D. Power Module * **DC/DC Converter:** Since the unit is powered by 24V DC, it uses an internal switching regulator to create stable, isolated voltages for the internal Op-amps and the isolation circuitry. --- ## 3. Performance Characteristics | Property | Value/Standard | | :--- | :--- | | **Accuracy** | $\pm 0.1\%$ of span | | **Response Time** | $\le 0.5$ seconds (0 to 90%) | | **Isolation Resistance** | $100 M\Omega$ or more with 500V DC | | **Construction** | Plug-in base (easy replacement without rewiring) | --- ## 4. Wiring and Terminal Connections The electronic interface is usually handled through a specialized base socket: * **Input (1-5V):** Terminals 5 (+) and 6 (-) * **Output (4-20mA):** Terminals 1 (+) and 2 (-) * **Power (24V DC):** Terminals 7 (+) and 8 (-) ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the M2RS1-C0-R output?
    • ⤷ How does galvanic isolation prevent ground loops in industrial PLC systems?
    • ⤷ Can this model be adjusted for zero and span calibration?