전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RT-0A-R2/CE

  • AI
    The **M2RT-0A-R2/CE** is a high-performance **Programmable Multi-Range Signal Conditioner** (specifically a thermocouple transmitter) manufactured by **M-System**. It is designed to convert temperature signals from thermocouples into standard DC output signals. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Input Type** | Thermocouple (K, E, J, T, B, R, S, C, N, U, L, P) | | **Output Type** | 4 – 20 mA DC (Current) / Various Voltage options | | **Power Input** | 100 – 240V AC (Operating range 85 – 264V AC) | | **Construction** | Plug-in base type | | **Isolation** | 3-way (Input to Output to Power) | | **Linearization** | Standard Digital Linearization | | **Burnout Protection** | Upscale, Downscale, or None (Selectable) | --- ### 2. Core Electronic Components & Logic The device operates using a specific signal processing chain: #### A. Input Stage (Analog-to-Digital) * **Cold Junction Compensation (CJC):** The unit features a built-in CJC sensor at the input terminals to compensate for the thermoelectric voltage at the reference junction. * **A/D Converter:** High-resolution conversion of the millivolt signal from the thermocouple into a digital format. #### B. Processing Stage (Microprocessor) * **Linearization:** Since thermocouples are inherently non-linear, the internal CPU applies a linearization algorithm to ensure the output is proportional to the temperature. * **Configuration:** The "0" in the model name indicates that it is **PC programmable**. You can use a dedicated interface and software to change the thermocouple type or temperature range. #### C. Output Stage (Digital-to-Analog) * **Isolation Transformer:** Provides electrical isolation up to 2000V AC. This prevents ground loops and protects sensitive PLC/DCS inputs. * **Current Driver:** Converts the processed signal into a stable 4-20mA loop or voltage output. --- ### 3. Application Use Cases * **Industrial Furnaces:** Monitoring high-temperature thermal profiles. * **Chemical Processing:** Where high accuracy and electrical isolation between sensors and the control room are required. * **System Integration:** Used when a variety of different thermocouple types are present, as the M2RT can be reconfigured for different sensors without replacing the hardware. --- ### 4. Terminal Connections The device is usually mounted on a **M2-series base**. 1. **Terminals 4 & 5:** Thermocouple Input. 2. **Terminals 1 & 2:** Output Signal. 3. **Terminals 7 & 8:** Power Supply.
    ✨ Follow-up Questions
    • ⤷ How do I configure the M2RT-0A-R2 using a PC?
    • ⤷ What is the difference between the R2 and R power supply options?
    • ⤷ Does this model support HART communication?