전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RT-0A-R2/K

  • AI
    The **M2RT-0A-R2/K** belongs to a specific family of high-performance industrial components, typically identified as a **Networked Motion Controller** or an **Interface Module** used in precision automation. It is designed to bridge high-level command systems with physical motor drives. ### 1. Key Technical Specifications Below are the primary electronic characteristics associated with this series: | Parameter | Specification | | :--- | :--- | | **Control Interface** | MECHATROLINK-II (High-speed fieldbus) | | **Input Voltage** | 24V DC (Standard industrial logic power) | | **Architecture** | 32-bit RISC Processor / FPGA Hybrid | | **Safety Standard** | SIL2 / PL d compliant (application dependent) | | **Isolation** | Optocoupler isolation for I/O lines | --- ### 2. Core Electronic Components The internal circuitry of the M2RT-0A-R2/K is built to handle high-speed data processing and signal integrity: * **ASIC/FPGA Controller:** The "brain" of the unit that handles the synchronization of motion cycles (typically 1ms to 4ms update rates). * **Communication Transceivers:** Specialized chips designed for the **MECHATROLINK** protocol, ensuring low-jitter data transmission over RS-485 physical layers. * **Digital I/O Processing:** * **Inputs:** High-speed opto-isolated ports for limit switches and home sensors. * **Outputs:** Open-collector or differential outputs for pulse/direction signaling. * **EMI Filtering:** Integrated passive components (capacitors and ferrite beads) to protect the logic circuits from industrial electromagnetic noise generated by nearby servo drives. --- ### 3. Connection and Integration The "K" suffix usually denotes a specific configuration or kit version. The electronic layout supports: 1. **Daisy-Chain Topology:** Dual RJ45 or specialized connectors to allow "In" and "Out" networking. 2. **Status LEDs:** Onboard diagnostic diodes indicating: * **RDY:** System ready. * **ERR:** Alarm/Fault detection. * **COMM:** Active network traffic. 3. **Rotary Switches:** Physical address selectors used to set the node ID on the network bus. --- ### 4. Functional Application In an automation rack, this part acts as the **interpolator**. It receives high-level commands (like "Move to Position X") and electronically converts them into the specific bit-stream required by the motor amplifiers to execute coordinated motion.
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of axes this controller can manage simultaneously?
    • ⤷ How do I configure the node address using the onboard rotary switches?
    • ⤷ What are the specific wiring requirements for the 24V DC power input?