M2RT-10-R2/BL
AI

The **M2RT-10-R2/BL** is a specialized electronic component, typically classified as a **Rotary DIP Switch** or a **Coded Rotary Switch**. These components are widely used in industrial electronics, telecommunications, and circuit board configuration to set binary or decimal values manually.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Rotary DIP Switch |
| **Positions** | 10 Positions (0-9) |
| **Output Code** | BCD (Binary Coded Decimal) or Real Code |
| **Actuator Style** | Recessed / Flat Arrow (requires screwdriver) |
| **Mounting Type** | Through-Hole (THT) / PCB Mount |
| **Color Coding** | Blue (indicated by `/BL` suffix) |
---
### 2. Electronic Characteristics
The device acts as a mechanical interface that converts the physical position of the dial into a specific electrical output.
* **Switching Capacity:** Usually rated at **25mA to 100mA** at **5V to 24V DC**.
* **Contact Resistance:** Typically less than **100mΩ** to ensure signal integrity.
* **Insulation Resistance:** Usually a minimum of **100MΩ** at 250V DC to prevent cross-talk between pins.
* **Dielectric Strength:** Capable of withstanding **250V AC** for one minute.
---
### 3. Binary Coded Decimal (BCD) Truth Table
For a 10-position BCD switch, the electronic logic determines which of the 4 output pins (plus a common pin) are connected based on the dial position:
| Dial Position | Pin 1 (8) | Pin 2 (4) | Pin 3 (2) | Pin 4 (1) |
| :--- | :--- | :--- | :--- | :--- |
| **0** | OFF | OFF | OFF | OFF |
| **1** | OFF | OFF | OFF | **ON** |
| **2** | OFF | OFF | **ON** | OFF |
| **3** | OFF | OFF | **ON** | **ON** |
| **4** | OFF | **ON** | OFF | OFF |
| **5** | OFF | **ON** | OFF | **ON** |
| **6** | OFF | **ON** | **ON** | OFF |
| **7** | OFF | **ON** | **ON** | **ON** |
| **8** | **ON** | OFF | OFF | OFF |
| **9** | **ON** | OFF | OFF | **ON** |
---
### 4. Key Physical Features
* **Sealability:** Often features an O-ring or epoxy seal to withstand wave soldering and board washing (IP67 rated in some variants).
* **Gold-Plated Contacts:** The internal contacts are usually gold-plated to prevent oxidation and ensure long-term reliability in low-current logic circuits.
* **Indexing:** Features a positive "click" or detent mechanism to ensure the user feels the transition between numbers.
### 5. Common Applications
* **Address Setting:** Configuring the ID of a device on a BUS (like RS-485 or CAN bus).
* **Mode Selection:** Choosing between different operating programs in an embedded system.
* **Timers/Counters:** Setting numerical values for industrial relay modules.
- ⤷
What is the pinout configuration for the M2RT-10-R2/BL?
- ⤷ Can this switch be used in surface mount (SMD) applications?
- ⤷ What are the environmental temperature limits for this specific model?