전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RT-1F-R2

  • AI
    The **M2RT-1F-R2** is a high-performance **Magnetic Card Reader Module** (often categorized as a "Swipe Reader"). It is widely used in Point of Sale (POS) terminals, security access control, and ID verification systems. --- ## 1. Core Technical Specifications The electronics of the M2RT-1F-R2 are designed for low power consumption and high reliability in reading magnetic data. | Feature | Specification | | :--- | :--- | | **Interface** | RS-232 / TTL / USB (Configuration dependent) | | **Track Support** | ISO Track 1 & 2 (Standard configuration) | | **Recording Method** | Two-frequency coherent phase (F2F) | | **Power Supply** | +5V DC ±10% | | **Current Consumption** | < 10mA (Typical) | | **Head Life** | 500,000 to 1,000,000 passes | | **Card Thickness** | 0.76 ± 0.08 mm | --- ## 2. Key Electronic Components ### A. Magnetic Read Head The "front-end" of the device. It consists of inductive coils that detect the flux transitions on the magnetic stripe of the card as it is swiped. The R2 variant typically features a high-durability head to withstand friction. ### B. Signal Processing IC (ASIC) The module contains an Application-Specific Integrated Circuit (ASIC) that performs the following functions: - **Amplification:** Boosting the tiny millivolt signals from the read head. - **Filtering:** Removing electronic noise from the environment. - **Decoding:** Converting the analog peaks into digital binary data (1s and 0s) based on the F2F encoding standard. ### C. I/O Interface Circuitry Depending on the specific sub-model, the board includes level-shifting components: - **TTL Logic:** Direct connection to microcontrollers (3.3V or 5V). - **RS-232 Driver:** Converts internal logic levels to standard serial voltages for PC communication. --- ## 3. Pinout and Connectivity Standard M2RT modules usually utilize a 5-pin or 9-pin connector for power and data. ```markdown Pin 1: VCC (+5V) Pin 2: GND (Ground) Pin 3: TXD / Data Out Pin 4: RXD / Clock Out Pin 5: Card Present (Signal goes LOW when a card is detected) ``` --- ## 4. Operational Logic 1. **Detection:** The "Card Present" sensor detects the entry of the card. 2. **Induction:** As the card moves, the magnetic particles induce a current in the Read Head. 3. **Bit Recovery:** The internal electronics synchronize with the swipe speed to accurately time the bit transitions. 4. **Data Transmission:** Once the swipe is complete, the decoded ASCII characters are sent via the serial interface to the host computer. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M2RT-1F-R2 and the M2RT-12-R2?
    • ⤷ How do I interface this module with an Arduino or Raspberry Pi?
    • ⤷ What are the common causes of read errors in this specific module?