전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RT-32-R/N

  • AI
    The **M2RT-32-R/N** is a specific model within the series of Industrial Remote Terminal Units (RTUs) or I/O modules, typically used in automation and PLC-based control systems. The part number indicates a high-density digital relay output module. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Component Breakdown (Part Number Identification) | Segment | Meaning | Description | | :--- | :--- | :--- | | **M2RT** | Series Family | Modular Remote Terminal / Interface series. | | **32** | Channel Count | Indicates **32 Digital Channels**. | | **R** | Output Type | **Relay Output** (Electromechanical). | | **N** | Logic Type | **NPN** (Commonly associated with the sinking wiring configuration). | --- ### 2. Key Technical Specifications This device acts as a bridge between a controller (like a PLC) and field devices (valves, motors, lamps). #### Electrical Characteristics * **Operating Voltage:** Typically 24V DC for the internal logic circuitry. * **Output Channels:** 32 independent relay contacts. * **Contact Rating:** Usually rated for **2A at 250V AC** or **2A at 30V DC** per channel (specific ratings may vary slightly by manufacturer, e.g., Shyuan or Fatek). * **Isolation:** Optical isolation between the control logic and the relay outputs to protect the CPU from surges. #### Physical Interface * **Wiring:** Usually features a **MIL-connector** (40-pin header) rather than individual screw terminals to save space. This requires a ribbon cable to transition to a terminal block. * **LED Indicators:** 32 individual LEDs to show the ON/OFF status of every output channel. --- ### 3. Electronic Architecture The M2RT-32-R/N consists of four primary stages: 1. **Communication Interface:** Receives signals from the Master PLC via a bus connector. 2. **Opto-Couplers:** Every channel is optically isolated. This ensures that an electrical failure on the load side does not travel back to the controller. 3. **Relay Bank:** Contains 32 miniature electromechanical relays. These provide physical switching, allowing for a mix of AC and DC loads on the same module. 4. **Protection Circuitry:** Includes freewheeling diodes or snubbers to handle the back-EMF generated when inductive loads (like solenoids) are turned off. --- ### 4. Comparison: R/N vs. T/N It is important to distinguish the **Relay (R)** version from the **Transistor (T)** version: | Feature | M2RT-32-R (Relay) | M2RT-32-T (Transistor) | | :--- | :--- | :--- | | **Switching Speed** | Slow (Mechanical) | Very Fast (Electronic) | | **Load Type** | Both AC and DC | DC Only | | **Lifespan** | Finite (Mechanical wear) | Nearly Infinite | | **Max Current** | Higher (e.g., 2A) | Lower (e.g., 0.5A) |
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 40-pin MIL connector on this module?
    • ⤷ Can I mix AC and DC loads across different channels on the M2RT-32-R?
    • ⤷ What is the expected mechanical life cycle of the relays used in this unit?