전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RT-3G-R2/CE

  • AI
    The **M2RT-3G-R2/CE** is an industrial-grade M2M (Machine-to-Machine) cellular router, typically manufactured by companies like Elseta or similar automation specialists. It is designed for remote monitoring, telemetry, and control via 3G networks. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The device acts as a bridge between industrial field equipment (using Serial or Ethernet) and a central server via cellular connectivity. | Feature | Specification | | :--- | :--- | | **Processor** | ARM-based microcontroller/processor for protocol handling. | | **Cellular Module** | Integrated 3G (UMTS/HSPA+) with 2G fallback (GPRS/EDGE). | | **SIM Interface** | 1.8V / 3V SIM card slot. | | **Operating Voltage** | Typically 9V – 36V DC (Industrial wide-range). | | **Power Consumption** | < 5W (Peak during transmission). | --- ### 2. Physical Interfaces and Electronic Parts The "R2" and "CE" designations often refer to specific hardware revisions and European compliance certifications. #### A. Communication Ports * **Ethernet Port:** 10/100 Mbps RJ45 port for connecting to local LAN or PLCs. * **Serial Interface:** RS485 or RS232 (terminal block) used for Modbus RTU communication with industrial sensors. * **USB Port:** Often used for local configuration or diagnostic logging. #### B. Antenna & RF Components * **SMA Connector:** A standard female SMA connector for an external 3G antenna to ensure signal stability in metal cabinets. * **Internal RF Filter:** To prevent electromagnetic interference (EMI) in industrial environments. #### C. Input/Output (I/O) Logic * **Digital Inputs (DI):** Optically isolated inputs for monitoring dry contacts (e.g., door sensors, alarms). * **Relay/Digital Outputs:** Used to trigger external hardware (e.g., restarting a remote server). --- ### 3. Key Electronic Functions The internal PCB (Printed Circuit Board) is designed for high reliability in harsh environments: 1. **Watchdog Timer (Hardware):** An internal electronic circuit that automatically reboots the router if the software freezes. 2. **Voltage Regulator:** Protects internal components from voltage spikes common in industrial power grids. 3. **LED Indicators:** Electronic status lights for Power, Signal Strength (RSSI), and Data Activity. --- ### 4. Compliance and Standards The **CE** suffix indicates the device meets European health, safety, and environmental protection standards: * **EMC:** Electromagnetic Compatibility (won't interfere with other electronics). * **RoHS:** Restriction of Hazardous Substances (Lead-free construction). ---
    ✨ Follow-up Questions
    • ⤷ Does this router support 4G LTE migration or is it strictly 3G?
    • ⤷ How do I configure the RS485 port for Modbus communication?
    • ⤷ What is the maximum operating temperature range for this hardware?