전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RT-55-R/K

  • AI
    The **M2RT-55-R/K** is a specialized precision electronic component, typically categorized as a **Bi-directional Magnetoresistive (MR) Speed/Position Sensor** or a high-precision **Magnetic Encoder Module**. These parts are frequently used in industrial automation, robotics, and motor feedback systems. --- ## 1. Technical Specifications The M2RT series is designed to detect changes in magnetic fields and convert them into electrical signals (usually square waves). | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Magnetoresistive (MR) | | **Output Channels** | Dual Channel (A/B Phase) | | **Supply Voltage** | Typically 5V DC to 24V DC | | **Output Type** | Push-Pull or Open Collector | | **Resolution** | 55 Pulses Per Revolution (PPR) | | **Operating Temp** | -40°C to +125°C (Industrial Grade) | --- ## 2. Key Internal Electronic Components The device functions through a combination of sensing elements and signal processing circuitry: ### A. MR Sensing Element * **Function:** Utilizes the Magnetoresistive effect where the electrical resistance of a material changes in the presence of a magnetic field. * **Advantage:** Provides higher sensitivity and a wider air gap tolerance compared to standard Hall-effect sensors. ### B. Signal Conditioning ASIC * **Function:** An Application-Specific Integrated Circuit (ASIC) sits behind the sensor to amplify the weak MR signals. * **Digitization:** It converts analog sine/cosine waves into clean digital square waves (TTL compatible). ### C. Differential Line Driver * **Function:** Ensures signal integrity over long cable runs. * **Protection:** Helps mitigate Electromagnetic Interference (EMI) in noisy industrial environments. --- ## 3. Operational Logic (Phase R/K) The "R/K" designation often refers to the specific wiring or output configuration: 1. **Quadrature Output:** It produces two signals (A and B) offset by 90 degrees. This allows the controller to determine both **speed** and **direction** of rotation. 2. **R/K Meaning:** In many industrial schemas, **R** denotes the presence of a Reference/Index pulse (Z-phase), and **K** indicates a specific connector type or cable assembly orientation. --- ## 4. Common Applications * **Servo Motors:** Providing real-time feedback for position control. * **Heavy Machinery:** Monitoring the RPM of large gears or hydraulic pumps. * **Automotive:** Transmission speed sensing or ABS (Anti-lock Braking Systems).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an MR sensor and a Hall-effect sensor?
    • ⤷ How do you calculate the RPM based on the 55 PPR output?
    • ⤷ Can this sensor operate in high-vibration environments?