전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RT-61-R2/K

  • AI
    The **M2RT-61-R2/K** is a specialized electronic component, typically categorized as a **Limit Switch** or a **Safety Interlock Switch**, often used in industrial automation for position sensing or safety gate monitoring. --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters associated with this series: | Parameter | Description | | :--- | :--- | | **Component Type** | Electromechanical Limit Switch | | **Contact Configuration** | Usually 1NO + 1NC (Normally Open + Normally Closed) | | **Actuator Type** | Roller Plunger / Roller Lever (standard for R2 suffix) | | **Housing Material** | Heavy-duty Metal or Glass-fiber reinforced plastic | | **Rated Voltage** | 240V AC / 24V DC (typical industrial ratings) | | **Protection Rating** | IP65 or IP67 (Dust tight and Water resistant) | --- ### 2. Key Electronic Features #### A. Contact Block Mechanism The internal "brains" of the device consist of a snap-action or slow-action contact block. When the mechanical actuator is pressed, it physically moves an internal bridge to open or close the electrical circuit. * **Galvanic Isolation:** The NO and NC contacts are electrically separated, allowing for control of two different signal loops. #### B. Switching Reliability Designed for high-frequency operations, these switches feature: * **Bifurcated Contacts:** Often used to ensure low contact resistance even at low voltages/currents. * **Arc Suppression:** Built-in clearances to prevent electrical arcing during high-voltage switching. #### C. Electrical Connectivity * **Terminals:** Usually screw-type terminals for secure industrial wiring. * **Cable Entry:** Standard M20 or PG13.5 threaded holes for conduit fittings. --- ### 3. Typical Application Schematic In a control system, the M2RT-61-R2/K acts as a digital input for a PLC (Programmable Logic Controller). ```cpp // Logic Representation IF (Switch_Closed == TRUE) { Motor_Status = RUNNING; } ELSE { Motor_Status = STOPPED; // Safety Interlock triggered } ``` --- ### 4. Interpretation of the Part Number While specific manufacturer codes vary slightly, the nomenclature usually follows this logic: * **M2:** Series identifier (Compact/Modular). * **RT:** Type of movement (Rotary/Roller). * **61:** Specific body size or contact configuration code. * **R2:** Actuator type (often refers to a specific Roller diameter or arm length). * **K:** Mounting or connection variant (e.g., specific terminal type).
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this limit switch?
    • ⤷ Can this switch be used in explosive environments (ATEX)?
    • ⤷ What are the common failure modes for the M2RT series?