M2RT-6E-R/N
AI

Based on the technical nomenclature, the **M2RT-6E-R/N** is a specific model of a **Miniature Magnetic Rotary Encoder** or a related industrial sensor component (often associated with brands like Nemicon or similar motion control manufacturers).
Below is a breakdown of the electronic parts and technical specifications typically associated with this series.
---
### 1. Technical Specifications
This component is designed for precise motion feedback in automation systems.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Magnetic Rotary Encoder | Non-contact sensing technology |
| **Resolution** | 6-bit (64 positions) | Defines the "6E" in the model name |
| **Output Code** | Gray Code / Binary | Prevents errors during transitions |
| **Voltage Range** | 5V - 12V DC | Standard industrial logic levels |
| **Output Signal** | NPN / Push-Pull | "N" often denotes NPN open collector |
| **Mounting** | Panel/Bush Mount | Radial or Axial lead options |
---
### 2. Core Electronic Components
The internal architecture of the M2RT-6E-R/N consists of several critical electronic sub-systems:
#### A. Magnetic Sensing Element
Instead of an optical disk, this unit uses a **Hall Effect Sensor Array** or a **Magnetoresistive (MR) element**.
* **Function:** It detects the change in the magnetic field as a permanent magnet attached to the shaft rotates.
* **Advantage:** Highly resistant to dust, oil, and vibration compared to optical versions.
#### B. Signal Processing IC (ASIC)
The raw analog signal from the magnetic sensor is processed by an internal **Application-Specific Integrated Circuit (ASIC)**.
* **A/D Conversion:** Converts analog magnetic flux into digital steps.
* **Interpolation:** Enhances the resolution to achieve the 6-bit output.
#### C. Output Driver Circuit
The "N" in the suffix usually refers to the output stage:
* **NPN Open Collector:** Requires an external pull-up resistor to interface with a PLC or Microcontroller.
* **Protection:** Usually includes basic ESD (Electrostatic Discharge) protection and reverse polarity protection.
---
### 3. Wiring and Pinout (General)
While you should always consult the specific datasheet for your manufacture date, the wiring typically follows this standard color code:
```yaml
Red: Vcc (Power Supply +)
Black: 0V (GND)
Blue: Signal Out (Bit 0 / LSB)
White: Signal Out (Bit 1)
Yellow: Signal Out (Bit 2)
Green: Signal Out (Bit 3)
Brown: Signal Out (Bit 4)
Gray: Signal Out (Bit 5 / MSB)
Shield: Frame Ground
```
---
### 4. Key Applications
* **Robotics:** For joint position feedback.
* **Medical Equipment:** Compact size allows for use in surgical tools or imaging tables.
* **Input Devices:** High-end industrial control panels and "Jog/Shuttle" wheels.
- ⤷
What is the difference between the 'R' and 'N' suffix in this specific model?
- ⤷ How do I interface an NPN encoder with a 24V PLC system?
- ⤷ Can this encoder operate in environments with high electromagnetic interference (EMI)?