전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RTS-R-33-M2

  • AI
    The **M2RTS-R-33-M2** is a specific model within a series of industrial-grade signal converters or transmitters, typically manufactured by companies like **M-System**. These devices are designed to convert standard process signals into isolated DC outputs. --- ## Technical Specifications Breakdown The alphanumeric code describes the specific hardware configuration of the unit: ### 1. Model Identification | Code Segment | Description | Details | | :--- | :--- | :--- | | **M2RTS** | Model Series | RTD Transmitter (Resistor Temperature Detector) | | **R** | Power Input | AC Power (often 24V AC or similar, depending on manufacturer specs) | | **33** | Input/Output Type | Typically signifies a specific range (e.g., Pt 100 input / 4-20mA output) | | **M2** | Mounting/Terminal | Plug-in style base or specific terminal block configuration | --- ## Core Electronic Components Inside an M2RTS-style transmitter, the electronic architecture usually consists of the following stages: ### A. Input Conditioning (RTD Interface) * **Sensor Excitation:** Provides a constant current to the RTD (usually Pt 100) to measure resistance changes without self-heating the sensor. * **Leadwire Compensation:** Uses a 3-wire or 4-wire system to cancel out the resistance of the cables connecting the sensor to the device. ### B. Signal Isolation * **Optical or Magnetic Isolation:** This is a critical safety feature. It uses optoisolators or transformers to separate the input, output, and power circuits. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. ### C. Processing & Conversion * **Linearization:** Since RTD resistance changes are not perfectly linear with temperature, internal circuitry (analog or microprocessor-based) linearizes the signal. * **Amplification:** Scales the low-voltage resistance signal into a robust industrial standard (e.g., 4-20mA or 1-5V DC). ### D. Output Stage * **Current Loop Driver:** A high-precision transistor circuit that ensures the output current remains stable regardless of the load resistance (up to a certain limit, usually 500-750 ohms). --- ## Technical Summary Table | Feature | Specification (Typical) | | :--- | :--- | | **Input Signal** | RTD (Pt 100, Pt 50, etc.) | | **Output Signal** | 4 - 20 mA DC or 1 - 5 V DC | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Accuracy** | Approximately ±0.1% | | **Construction** | Plug-in structure for easy maintenance | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific wiring diagram for the 3-wire RTD input on this model?
    • ⤷ How does the 'R' power specification differ from the 'M' or 'K' power options?
    • ⤷ Can the output range be recalibrated using a PC or is it fixed hardware?