전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RTS-R-33-RSLASHN

  • AI
    The **M2RTS-R-33-R/N** is a specific model within a series of industrial-grade signal conditioners, typically associated with manufacturers like **M-System**. These devices are used to convert temperature signals (from RTDs) into standardized analog signals for PLCs or DCS systems. --- ### 1. Part Number Breakdown Understanding the suffix and prefix helps identify the specific electronic characteristics of this unit: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **M2RTS** | Model Series | RTD Transmitter (Plug-in type) | | **R** | Power Input | 24V DC | | **33** | Input / Output | **3:** Pt 100 RTD Input / **3:** 0–10V DC Output | | **R** | Response Time | Standard response | | **SLASH N** | Option Code | **N:** Non-CE marking / Specific standard build | --- ### 2. Key Electronic Specifications The internal electronics are designed for high precision and electrical isolation. * **Input Section:** * Designed for 3-wire Pt 100 RTDs (Resistance Temperature Detectors). * Excitation current is typically low (approx. 1mA) to prevent self-heating of the sensor. * **Output Section:** * Generates a linear 0–10V DC signal proportional to the temperature range. * Load resistance must be $\ge$ 10k$\Omega$. * **Isolation Architecture:** * Employs **3-way isolation** (Input to Output to Power). * This prevents ground loops and protects sensitive PLC inputs from field surges. * **Accuracy:** * Typically $\pm$0.1% of span, driven by high-quality operational amplifiers and a stable internal voltage reference. --- ### 3. Physical & Installation Features The device uses a "Plug-in" base design, which allows the electronic module to be replaced without disconnecting the field wiring. | Feature | Description | | :--- | :--- | | **Construction** | Compact, plug-in style | | **Wiring** | M3.5 screw terminals on the base socket | | **Housing Material** | Flame-resistant resin (Black) | | **Adjustments** | Zero and Span adjustments available on the front panel ($\pm$5%) | --- ### 4. Wiring Diagram (Simplified) To integrate this part, the electronics are connected as follows: ```text [ FIELD SIDE ] [ MODULE ] [ CONTROL SIDE ] RTD (Pt 100) ------> Input Pins (1-2-3) (Isolation) 24V DC Power ------> Power Pins (4-5) (Isolation) 0-10V Output <------ Output Pins (6-7) ------> PLC Analog Input ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the temperature range supported by the M2RTS-R-33-R/N?
    • ⤷ How do I calibrate the Zero and Span settings on this unit?
    • ⤷ Can this unit be used with a 2-wire RTD instead of a 3-wire?