전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RTS-R-3A-R2/Q

  • AI
    The **M2RTS-R-3A-R2/Q** is a high-precision, industrial-grade RTD (Resistance Temperature Detector) transmitter manufactured by **M-System**. This specific part number follows a modular configuration code that defines its input, output, and power specifications. ### 1. Technical Specification Breakdown Based on the M-System nomenclature, the model code is interpreted as follows: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2RTS** | Model Series | RTD Transmitter (Mini-M Series) | | **-R** | Input Type | RTD (e.g., Pt 100, JPt 100, etc.) | | **-3** | Output Signal | 0 – 1 V DC | | **A** | Power Input | 100V – 240V AC (Standard Mains) | | **-R2** | Option / Style | R2 indicates a specific physical housing/terminal style | | **/Q** | Special Option | "Q" denotes a customized requirement (e.g., specific coating or calibration) | --- ### 2. Key Electronic Components & Functions The internal circuitry of the M2RTS-R-3A-R2/Q consists of several critical stages: #### A. Input Conditioning (RTD Interface) * **Constant Current Source:** To measure resistance accurately, the device sends a small, stable current through the RTD to measure the voltage drop. * **Linearization Circuit:** Since RTDs are slightly non-linear, the transmitter includes an analog or digital linearization stage to ensure the output is proportional to the temperature. * **Burnout Protection:** Includes high-impedance monitoring to detect if the sensor wire is broken (sending the output to a safe max or min level). #### B. Isolation Barrier * **Three-Way Isolation:** This part provides electrical isolation between the **Input**, **Output**, and **Power supply**. * **Purpose:** Prevents ground loops, reduces electrical noise, and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. #### C. Output Stage * **Voltage Driver:** Converts the processed temperature signal into a stable 0–1 V DC signal. * **Calibration Pots:** Usually features "Zero" and "Span" adjustments on the front panel for field fine-tuning. --- ### 3. Application Summary * **Mounting:** Designed for high-density DIN rail mounting (Mini-M series is known for its slim profile). * **Environment:** Industrial control panels where temperature monitoring (via Pt100) needs to be converted for a PLC input that accepts low-voltage DC. * **Reliability:** High MTBF (Mean Time Between Failures) due to robust solid-state electronic design.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span for the M2RTS series?
    • ⤷ What are the common RTD types supported by the '-R' input code?
    • ⤷ What specific custom features are usually associated with the '/Q' suffix?