전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RTS-R-41-R2SLASHQ

  • AI
    The part number **M2RTS-R-41-R2/Q** refers to a high-precision, signal-conditioned transmitter, typically manufactured by **M-System**. These devices are used in industrial automation to convert resistance (from a potentiometer) into a standard DC output signal. --- ### 1. Part Number Breakdown The nomenclature reveals the specific configuration of the electronic components inside the module: | Component Code | Description | | :--- | :--- | | **M2RTS** | **Model Series:** Potentiometer Transmitter (Plug-in type). | | **R** | **Power Input:** AC 24V (alternatively DC 24V depending on manual revision). | | **41** | **Input/Output Specs:** Specifically identifies the resistance input range and the output signal type. | | **R2** | **Output 2:** Indicates a secondary output (often 4–20mA or 1–5V DC). | | **Q** | **Option:** Usually indicates a special specification or conformal coating for environmental protection. | --- ### 2. Key Electronic Features The electronics inside this module are designed for linearizing signal data from rotating or sliding hardware. * **Excitation Voltage:** The unit provides a stable reference voltage to the potentiometer, ensuring that changes in resistance are translated accurately into voltage drops. * **Isolation:** The device features **3-port isolation** (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side. * **Zero/Span Adjustment:** Located on the front panel, these allow for electronic calibration to compensate for mechanical wear or misalignment of the physical potentiometer. * **A/D and D/A Conversion:** Modern versions utilize high-resolution microprocessors to ensure a linearity error of less than ±0.1%. --- ### 3. Technical Specifications (Typical) | Feature | Specification | | :--- | :--- | | **Input Resistance** | Total resistance 100 $\Omega$ to 10 k$\Omega$ | | **Output Signal** | 4 – 20 mA DC or 1 – 5 V DC | | **Accuracy** | ±0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Mounting** | Surface or DIN rail via plug-in base | --- ### 4. Circuit Connection Diagram Below is a conceptual representation of how the electronic pins are typically wired: ```mermaid graph LR A[Potentiometer] --> B(M2RTS Transmitter) C[Power Supply] --> B B --> D[PLC / Controller] B --> E[Local Display/Chart Recorder] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the R2 secondary output?
    • ⤷ How do I perform a Zero/Span calibration on this specific model?
    • ⤷ Is this module compatible with hazardous area certifications like ATEX?