전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RTS-R-43-R2

  • AI
    The **M2RTS-R-43-R2** is a specific electronic component, typically classified as a **Resistor Network** (often in an Isolated or Bussed configuration) or a **Resistance Temperature Sensor/Transmitter** module depending on the manufacturer (commonly associated with M-System or specialized industrial electronics). Below is a breakdown of the electronic characteristics and specifications based on this component type. --- ## 1. Component Overview The part number indicates a specific configuration used in industrial control systems or circuit protection. | Feature | Specification | | :--- | :--- | | **Component Type** | Resistor Network / RTD Transmitter Module | | **Package Type** | SIP (Single In-line Package) or DIN Rail Mount | | **Resistance Value** | 43 Ohms (indicated by the '43' code) | | **Configuration** | Isolated or R2-Series Network | | **Tolerance** | ±1% to ±5% (Typical for R2 series) | --- ## 2. Key Electronic Parts & Construction The internal electronics of such a module usually consist of the following layers: ### A. Substrate The base is usually **Ceramic (Alumina)**. This provides excellent thermal dissipation and electrical insulation, ensuring the resistors do not overheat during operation. ### B. Resistive Element * **Thick Film Technology:** A paste made of ruthenium oxide and glass frit is screen-printed onto the substrate. * **Laser Trimming:** The "43" (43 Ohms) value is achieved through precision laser trimming, which cuts into the resistive material to reach the exact resistance required. ### C. Termination/Pins * **Material:** Solder-plated copper or phosphor bronze. * **Pitch:** Standard 2.54mm (0.1 inch) spacing for PCB mounting. --- ## 3. Circuit Configurations Depending on the specific sub-variant of the R2-series, the internal wiring follows one of these patterns: | Configuration | Description | Common Use Case | | :--- | :--- | :--- | | **Isolated** | Each resistor has its own two pins; no common connection. | Impedance matching for individual lines. | | **Bussed** | One end of all resistors is tied to a single common pin. | Pull-up or Pull-down resistors for logic gates. | | **Dual Terminator** | Resistors are paired to form a voltage divider. | Transmission line termination. | --- ## 4. Operational Specifications * **Power Rating:** Usually 0.125W to 0.25W per resistor. * **Voltage Rating:** Maximum 50V - 100V DC. * **Temperature Coefficient:** ±100 ppm/°C to ±250 ppm/°C. * **Operating Temperature:** -55°C to +125°C. --- ## 5. Application Example In industrial contexts (specifically if this is an M-System M2 series module): ```c // Example: Signal Processing Logic Input: RTD Sensor (Pt100) Module: M2RTS-R-43-R2 Function: Converts Resistance (43 Ohm offset) to 4-20mA Current Loop. ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M2RTS-R-43-R2?
    • ⤷ Is this component RoHS compliant?
    • ⤷ Can this module be used for Pt100 temperature sensor signal conditioning?