M2RTS-R-A3-P
AI

The **M2RTS-R-A3-P** is a high-performance **Resistance Temperature Detector (RTD) Transmitter** belonging to the M2 Series (Plug-in type) manufactured by **M-System**. It is designed to convert signals from an RTD into a standard DC output signal (current or voltage).
---
## 1. Technical Specifications
The following table outlines the primary electronic and functional characteristics of the device:
| Feature | Specification Details |
| :--- | :--- |
| **Input Type** | RTD (Pt 100, JPt 100, etc.) |
| **Output Type** | DC Voltage or Current (Fixed based on suffix) |
| **Power Input (A3)** | 100V – 120V AC (50/60 Hz) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Connection** | 11-pin plug-in base |
| **Linearization** | Standard electronic linearization circuit |
| **Burnout Protection** | Standard (Upscale burnout) |
---
## 2. Breakdown of the Model Suffix (A3-P)
The alphanumeric suffix defines the specific electronic configuration of the unit:
* **R (Output):** Typically signifies a specific output range (e.g., 4–20mA DC or 1–5V DC).
* **A3 (Power):** Indicates the power supply requirement. `A3` specifically refers to **100V – 120V AC**.
* **P (Option):** Often refers to a specific performance enhancement or a custom factory calibration setting.
---
## 3. Key Electronic Components & Functions
### A. Signal Conditioning Circuit
The core of the M2RTS is a precision bridge circuit. It measures the resistance change of the RTD (usually Pt100) and converts it into a voltage. Because RTD resistance is not perfectly linear with temperature, the device includes an **Electronic Linearizer** to ensure the output signal is proportional to the temperature.
### B. Galvanic Isolation
This device features **3-port isolation**. Electronic components like optoisolators or transformers are used to separate:
1. The sensitive RTD input.
2. The analog output signal.
3. The AC power supply.
*This prevents ground loops and protects the control system (PLC/DCS) from high-voltage surges.*
### C. Burnout Detection
In the event of a sensor wire breakage, the electronic circuit is designed to drive the output signal to a maximum (Upscale) or minimum (Downscale) value. This serves as a safety trigger for the connected controller to identify a sensor failure.
---
## 4. Wiring Diagram Overview
The unit uses an 11-pin base. Typical pin assignments for an RTD transmitter include:
| Pin Number | Function |
| :--- | :--- |
| **1 & 11** | Power Supply (L & N) |
| **4, 5, 6** | RTD Input (3-wire system) |
| **9 (+), 10 (-)** | DC Output Signal |
- ⤷
How do I calibrate the zero and span on this transmitter?
- ⤷ Can this model be used with a 24V DC power supply instead of AC?
- ⤷ What is the accuracy rating for the M2RTS series?