전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RTS-R-DA-M2/UL

  • AI
    The **M2RTS-R-DA-M2/UL** is a specialized electronic component, typically classified as a **Signal Conditioner** or **Transmitter** within the M-System (M-Unit) series. It is designed to convert resistance temperature sensor (RTD) signals into standard industrial analog signals. --- ### 1. Technical Specifications Below are the primary electronic characteristics of this specific model: | Feature | Specification | | :--- | :--- | | **Model Series** | M2 (Mini-M Series) | | **Input Type** | RTD (Resistance Temperature Detector) | | **Output Type** | DC Voltage or Current (Configurable) | | **Power Input** | 100 – 240V AC (Standard for 'M2' suffix) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail / Plug-in Base | | **Certifications** | UL Listed (as indicated by the `/UL` suffix) | --- ### 2. Breakdown of the Part Number The alphanumeric code identifies specific electronic functions: * **M2**: Represents the **Mini-M Series**, a compact, plug-in style signal conditioner. * **RTS**: Indicates the function is an **RTD Transmitter**. * **R**: Specifies the **Power Input**. Usually, 'R' denotes 24V DC or specific AC ranges depending on the catalog version (Verify with datasheet for AC vs DC). * **DA**: Represents the **Output Code**. 'D' often signifies a voltage output (e.g., 0-10V), and 'A' can signify a 4-20mA current loop. * **M2**: Designates the specific terminal block/base style. * **UL**: Signifies the unit meets **Underwriters Laboratories** safety standards for the North American market. --- ### 3. Key Electronic Functions #### Signal Linearization RTDs do not have a perfectly linear resistance-to-temperature relationship. The internal circuitry of the M2RTS-R-DA-M2 performs **linearization**, ensuring the output (e.g., 4-20mA) is proportional to the actual temperature, not just the raw ohms. #### 3-Way Isolation This part provides electrical isolation between the input, output, and power supply. This is critical in industrial settings to: * Prevent ground loops. * Protect expensive PLC/DCS input cards from high-voltage surges at the sensor end. * Reduce electromagnetic interference (EMI). #### Burnout Protection The device includes a "Burnout" feature. If the RTD wire breaks, the electronic output will automatically drive to a pre-set state (usually Upscale >20mA or Downscale <4mA) to alert the control system of a sensor failure. --- ### 4. Typical Wiring Diagram Concept ```mermaid graph LR A[RTD Sensor] -- Resistance --> B(M2RTS Transmitter) C[Power Supply] -- 100-240V AC --> B B -- 4-20mA / 0-10V --> D[PLC/Controller] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific RTD types (Pt100
    • ⤷ Ni500
    • ⤷ etc.) supported by this model?
    • ⤷ How do I calibrate the zero and span settings on the M2RTS?
    • ⤷ What is the response time for the signal conversion in this series?