전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RTS-S-41-R/N

  • AI
    The **M2RTS-S-41-R/N** is a specialized high-precision rotary indexer or drive system, commonly used in high-speed automation and assembly machinery. This part number typically refers to a **Sankyo Seiki** (or similar high-end automation brand) indexing drive. --- ### 1. Key Technical Specifications Based on standard industrial naming conventions for this series, here are the core electronic and mechanical parameters: | Feature | Specification | Description | |:---|:---|:---| | **Drive Type** | Servo-Driven / Cam | Integrates a precision cam mechanism with an electric motor interface. | | **Output Type** | Shaft Output (S) | Indicates a solid output shaft for mounting dials or plates. | | **Indexing Stations** | 4 Stops | The "4" usually denotes four distinct indexed positions per revolution. | | **Rotation Ratio** | 1:1 (Approx.) | The "1" often refers to the specific gear or cam ratio for torque optimization. | | **Coating/Material** | R/N | Likely signifies Nickel plating (N) or specific rust-prevention (R) for cleanroom/high-durability use. | --- ### 2. Electronic Components & Integration To operate the M2RTS-S-41-R/N, several electronic sub-systems are required: #### A. Motion Controller / PLC * **Signal Logic:** The unit relies on a PLC (Programmable Logic Controller) to send pulse and direction signals. * **Cycle Coordination:** It ensures the indexer moves only when the tooling is clear, often using a **"Cycle Start"** digital input. #### B. Feedback Sensors (Encoders) * Most "S-series" indexers utilize an **Absolute Encoder** or a **Home Sensor**. * **Electronic Function:** These sensors provide the "In-Position" (IP) signal to the electronics, confirming the table has locked into one of the 4 stations. #### C. Servo Motor & Drive * The system is usually paired with a high-torque brushless AC Servo Motor. * **Voltage:** Typically 200V-230V 3-Phase. * **Electronic Protection:** The drive includes Overcurrent, Overvoltage, and Regenerative Braking protection to handle the high inertia of the rotating mass. --- ### 3. Application Use Cases The electronic synchronization of this part allows for: 1. **Rotary Assembly Tables:** Moving parts between 4 stations (e.g., Load → Press → Inspect → Unload). 2. **Electronic Packaging:** High-speed taping or sorting of components. 3. **Cleanroom Automation:** The "N" (Nickel) finish makes it suitable for electronics manufacturing where oil contamination must be minimized. --- ### 4. Wiring Overview The electrical interface generally consists of two main cable sets: 1. **Power Cable:** Supplies high-voltage current to the internal motor. 2. **Signal/Encoder Cable:** Carries the high-resolution feedback signal back to the servo drive to ensure arc-second positioning accuracy. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific torque ratings for the M2RTS series?
    • ⤷ How do I calibrate the home position sensor on this indexer?
    • ⤷ Can this unit be interfaced with a 110V single-phase power supply?