전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RTS-S-AB-R/UL

  • AI
    The **M2RTS-S-AB-R/UL** is a specific model of an **electromechanical power relay**, typically manufactured by brands like **Megatone** or similar electronic component suppliers. This relay is designed for high-current switching applications and is commonly found in industrial control systems and HVAC equipment. --- ### ## Technical Specifications Below are the primary electronic characteristics of this component: | Feature | Specification Details | | :--- | :--- | | **Relay Type** | Miniature Power Relay | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Coil Voltage** | Typically 12VDC or 24VDC (Check suffix for exact) | | **Contact Rating** | 20A to 30A @ 250VAC/28VDC | | **Mounting Type** | PCB Through-Hole | | **Safety Approval** | UL (Underwriters Laboratories) Recognized | | **Termination** | Solder Terminals | --- ### ### Key Breakdown of the Part Number The alphanumeric code provides specific details about the construction of the relay: 1. **M2RTS**: Series designation (Miniature Power Relay). 2. **-S**: **Sealed Construction**. This indicates the relay is wash-tight and protected from flux/environmental contaminants during the soldering process. 3. **-AB**: **Contact Material/Configuration**. Usually refers to Silver Alloy contacts designed for high inrush currents. 4. **-R**: **RoHS Compliant**. Indicates the part meets environmental standards regarding lead-free construction. 5. **-UL**: **Safety Rating**. Confirms the device has been tested and certified by UL for the North American market. --- ### ### Electronic Components & Operation The internal mechanism consists of three main electronic/mechanical sections: * **The Coil (Input):** When DC voltage is applied, the coil creates an electromagnetic field. In "S" (Sealed) versions, the coil is isolated to prevent oxidation. * **The Armature:** A movable piece of metal that responds to the magnetic field, pulling the contacts together or pushing them apart. * **The Contacts (Output):** High-capacity terminals made of silver-based alloys to minimize electrical resistance and prevent "welding" under high loads. --- ### ### Typical Applications * **HVAC Systems:** Controlling compressors or fan motors. * **Automotive Electronics:** High-current peripheral switching. * **Industrial Automation:** Acting as an interface between low-power microcontrollers and high-power AC machinery. * **Home Appliances:** Used in washing machines and ovens for heating element control.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the M2RTS-S-AB-R/UL model?
    • ⤷ Can this relay be used to switch inductive loads like motors?
    • ⤷ What are the PCB footprint dimensions for this specific relay series?