전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RTS-S-AE-R

  • AI
    The **M2RTS-S-AE-R** is a specific model within a series of signal conditioners/transmitters, typically manufactured by companies like **M-System**. It is a compact, plug-in type signal conditioner designed to convert a resistance thermometer (RTD) input into a standard DC output. --- ### ## Technical Specifications Breakdown The alphanumeric code represents specific hardware configurations: | Component Code | Description | Function | | :--- | :--- | :--- | | **M2RTS** | Series Name | RTD Transmitter (Plug-in base) | | **-S** | Input Type | RTD (e.g., Pt100, Pt1000, Cu10) | | **-A** | Output Type | 4 – 20 mA DC | | **-E** | Power Input | 200 – 240 V AC | | **-R** | Option / Version | Standard High-accuracy or specific revision | --- ### ### Key Electronic Components & Features The internal circuitry of the M2RTS-S-AE-R is designed for precision and industrial reliability. 1. **Input Circuit (RTD Interface):** * **3-Wire Compensation:** Includes circuitry to compensate for lead-wire resistance, ensuring that the length of the wire between the sensor and the transmitter does not affect temperature accuracy. * **Burnout Protection:** Features a "Burnout" circuit that drives the output to a specific level (usually >20mA or <4mA) if the sensor wire breaks. 2. **Isolation Barrier:** * **Three-way Isolation:** The device provides electronic isolation between the **Input**, **Output**, and **Power supply**. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side. 3. **Signal Conversion (Linearization):** * Since RTD resistance change is not perfectly linear with temperature, the internal electronics include a **Linearizer circuit**. This ensures the 4-20mA output is directly proportional to the temperature (°C), not just the ohms. 4. **Power Module:** * The **"E"** designation indicates a high-voltage AC transformer/switching power supply internally, allowing it to run directly off industrial mains (200-240V). --- ### ### Physical and Installation Parts * **Plug-in Base:** The electronic module detaches from the base. This allows for "hot-swapping" or maintenance without disconnecting the field wiring. * **Zero/Span Adjustments:** Accessible potentiometers on the front panel allow for manual calibration fine-tuning. * **DIN Rail Mounting:** The base is designed to snap onto standard 35mm DIN rails. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum lead-wire resistance allowed for this model?
    • ⤷ How do I configure the burnout direction (upscale or downscale)?
    • ⤷ Is this model compatible with Pt1000 sensors or only Pt100?