전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SBS-212-R2

  • AI
    The **M2SBS-212-R2** is a specialized electronic hardware component, typically categorized as a **Standoff** or **Spacer** used in high-precision mechanical and electronic assemblies. It is designed to provide structural support and electrical isolation (or grounding path) between a Printed Circuit Board (PCB) and a chassis or another board. ### 1. Component Identification The part number follows a standard nomenclature for hardware fasteners: * **M2**: Indicates a Metric M2 thread size. * **SBS**: Often denotes the material or series (commonly Stainless Steel or Brass). * **212**: Represents the length or specific dimensional configuration (e.g., 12mm). * **R2**: Revision code or specific plating/packaging variation. --- ### 2. Technical Specifications Below is a breakdown of the typical electronic and mechanical characteristics for this part: | Feature | Specification | | :--- | :--- | | **Thread Size** | M2 x 0.4mm | | **Material** | Usually Brass or Stainless Steel (Zinc/Nickel plated) | | **Type** | Male-Female or Female-Female Standoff | | **Body Shape** | Hexagonal (for wrench tightening) | | **Application** | PCB Mounting, Sensor spacing, DIY Electronics | | **Compliance** | RoHS Compliant | --- ### 3. Electronic Functions While often viewed as purely mechanical, these parts serve critical electronic roles: * **Grounding Path:** If made of conductive metal (like brass), it creates a common ground between the PCB ground plane and the metal enclosure. * **ESD Protection:** Helps dissipate Electrostatic Discharge from the casing to the circuit's ground. * **Airflow/Thermal Management:** By providing a specific clearance (usually indicated by the '212' code), it ensures proper airflow under components to prevent overheating. * **Signal Integrity:** Prevents the PCB from flexing, which could lead to cracked solder joints or microphonic interference in sensitive traces. --- ### 4. Integration Example When used in a stack, the assembly typically looks like this: ```markdown [ Chassis / Case ] | [ M2SBS-212-R2 Standoff ] <--- Provides 12mm clearance | [ PCB / Motherboard ] | [ M2 Screw ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact height measurement for the 212 designation in this series?
    • ⤷ Are there non-conductive (Nylon) versions of the M2SBS series?
    • ⤷ What is the recommended torque for M2 metal standoffs in PCB applications?