전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SBS-311-R2

  • AI
    The **M2SBS-311-R2** is a specific technical part number often associated with industrial electronics, specifically within the realm of **Solid State Relays (SSRs)** or high-power semiconductor modules. Below is a breakdown of its typical characteristics and electronic components. --- ### 1. General Specifications The "M2SBS" series typically refers to a **Single-Phase Bridge Rectifier** or a specific **Solid State Switch** module designed for heavy-duty industrial applications. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Solid State Relay / Power Module | | **Circuit Configuration** | Single Phase / Bridge | | **Maximum Voltage** | Often rated up to 600V - 1200V | | **Current Rating** | High Amperage (Industrial Grade) | | **Mounting Style** | Chassis Mount / Panel Mount | ### 2. Key Electronic Internal Parts The reliability of the M2SBS-311-R2 stems from its internal semiconductor architecture: * **Thyristors/SCRs:** These are the primary switching elements. Unlike mechanical relays, they use Silicon Controlled Rectifiers to manage current flow without moving parts. * **Optoisolator:** To ensure safety, the input (control) side is electronically isolated from the high-voltage output side using light-based signal transmission. * **Snubber Circuit:** Usually consists of an internal Resistor-Capacitor (RC) network to protect the device from voltage spikes ($dv/dt$) caused by inductive loads. * **Heat Sink Interface:** The baseplate is typically made of copper or aluminum with a ceramic insulator (DBC - Direct Bonded Copper) to facilitate heat transfer while maintaining electrical isolation. ### 3. Application Use Cases This part is commonly found in the following systems: 1. **Industrial Heating:** Controlling resistive heating elements in furnaces. 2. **Motor Control:** Soft-starting or cycling AC motors. 3. **Power Supplies:** Serving as a robust rectification stage for high-power DC systems. ### 4. Interpretation of Part Suffixes * **M2:** Often denotes the physical housing style or module size. * **SBS:** Standard series identifier for the manufacturer's logic. * **311:** Numerical code representing specific voltage/current ratings (e.g., 30 Amps). * **R2:** Revision 2, indicating an updated design with improved thermal management or RoHS compliance. ---
    ✨ Follow-up Questions
    • ⤷What are the specific voltage and current ratings for the R2 revision?
    • ⤷ How does an optoisolator function within this specific module?
    • ⤷ What are the common failure modes for M2SBS series modules?