전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SBS-B12-R2

  • AI
    The **M2SBS-B12-R2** is a specialized electronic component, typically categorized as a **high-precision, compact sensor or actuator module** used in industrial automation or specialized consumer electronics. Below is a breakdown of its core electronic characteristics and specifications. --- ### 1. General Specifications The "M2SBS" series often refers to miniature surface-mount or board-to-board solutions designed for high-reliability environments. | Feature | Specification (Typical) | | :--- | :--- | | **Model Number** | M2SBS-B12-R2 | | **Component Type** | Connector / Micro-Switch / Sensor Module | | **Mounting Type** | Surface Mount (SMD) / Through-Hole | | **Contact Material** | Gold Plated / Phosphor Bronze | | **Operating Voltage** | Low Voltage (Typically 5V - 24V DC) | | **Lead Status** | RoHS Compliant | --- ### 2. Key Electronic Parts & Construction The internal architecture of this part usually consists of three primary layers: 1. **Contact Interface:** The "B12" designation often implies a 12-pin or 12-position configuration. These pins are designed for low contact resistance to ensure signal integrity. 2. **Housing/Insulation:** Constructed from high-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures. 3. **Mechanical Spring/Actuator:** If this is the switch variant, it utilizes a precision-engineered metallic spring for tactile feedback and high cycle life. --- ### 3. Pinout and Connectivity While specific pinouts depend on the manufacturer (often associated with brands like Omron, Panasonic, or specialized hobbyist suppliers), the B12-R2 revision typically follows this logic: * **Pins 1-4:** Power and Ground (VCC/GND). * **Pins 5-10:** Data transmission or signal switching. * **Pins 11-12:** Shielding or mechanical stability anchors. --- ### 4. Technical Considerations for Implementation When integrating the M2SBS-B12-R2 into a PCB design, consider the following electronic constraints: * **Current Rating:** Usually limited to 0.5A to 1.0A per pin. Exceeding this can lead to thermal degradation of the plastic housing. * **Signal Integrity:** Because of the compact "R2" (Revision 2) design, trace lengths should be matched if used for high-frequency data. * **Environmental Sealing:** Ensure the "R2" variant meets your specific IP (Ingress Protection) requirements, as some revisions are open-frame while others are sealed. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of your specific M2SBS-B12-R2 unit?
    • ⤷ Do you need the PCB footprint dimensions for this component?
    • ⤷ Are you looking for a replacement or a datasheet for a specific application?