전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SBS-B1B-R2

  • AI
    The **M2SBS-B1B-R2** is a specific part number typically associated with **M.2 SSD to SATA Adapters** or specialized expansion cards used in embedded computing and industrial hardware (often related to brands like Innodisk or similar industrial storage providers). Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. General Technical Specifications This device acts as a bridge between the M.2 (NGFF) form factor and a standard SATA interface. | Feature | Specification | | :--- | :--- | | **Interface (Host)** | SATA III (6.0 Gbps) | | **Interface (Device)** | M.2 B-Key / B+M Key | | **Supported Sizes** | 2242, 2260, 2280 | | **Power Input** | 5V DC via SATA Power Header | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Components To bridge the data and manage power, the PCB contains several critical electronic parts: #### A. The Bridge Controller (IC) The heart of the board is a **SATA-to-SATA Signal Passthrough** or a **Level Shifter**. * **Function:** It ensures the differential signals from the M.2 SATA SSD are correctly routed to the 7-pin SATA data connector. * **Note:** Because M.2 SATA and standard SATA share the same protocol, this chip is often a signal repeater/redriver to maintain data integrity over the trace length. #### B. Power Management (LDO/Buck Regulators) * **Voltage Step-down:** Standard SATA power provides 5V and 12V, but M.2 SSDs operate on **3.3V**. * **Regulator:** The board includes a Low-Dropout Regulator (LDO) or a small Buck Converter to step down the 5V input to a stable 3.3V for the SSD. #### C. Decoupling Capacitors * **Type:** Multi-Layer Ceramic Capacitors (MLCC). * **Purpose:** These are placed near the M.2 slot to filter high-frequency noise and provide local energy storage for sudden power draws during high-speed write operations. #### D. Protection Circuits * **TVS Diodes:** Often used to protect the SSD from electrostatic discharge (ESD) and voltage surges from the power supply. * **Current Limiters:** Some industrial versions (like the "R2" revision) include over-current protection fuses. --- ### 3. Pin Configuration (M.2 B-Key) The M.2 slot on this board uses the **B-Key** physical notch, which is the standard for SATA-based M.2 modules. ```markdown Pin Range | Function ----------|---------- 1 - 11 | Ground and 3.3V Power 12 - 19 | Not connected (reserved for PCIe) 41 - 49 | SATA Differential Pairs (TX+/TX-, RX+/RX-) 70 - 75 | 3.3V Power and Ground ``` --- ### 4. Component Layout Overview 1. **M.2 Connector:** High-density 75-pin gold-plated connector. 2. **SATA Data Connector:** Standard 7-pin locking connector for the motherboard. 3. **SATA Power Connector:** 15-pin connector to interface with the PSU. 4. **LED Indicators:** Often includes a "Power" LED (Green) and an "Activity" LED (Amber/Red).
    ✨ Follow-up Questions
    • ⤷ What is the difference between B-Key and M-Key in M.2 slots?
    • ⤷ Does this adapter support NVMe (PCIe) SSDs?
    • ⤷ How do I troubleshoot if the BIOS does not recognize the drive connected via this adapter?