M2SBS-C12-R
AI

## Overview of M2SBS-C12-R
The **M2SBS-C12-R** is a specific electronic hardware component, typically categorized as a **threaded standoff** or **spacer** used in PCB (Printed Circuit Board) assembly and electronic packaging. These parts are critical for maintaining mechanical integrity and ensuring proper electrical clearance between boards and chassis.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Thread Size** | M2 (Metric, 2mm diameter) |
| **Gender Type** | Female-Female (Internal threads on both ends) |
| **Material** | Stainless Steel (Commonly 303 or 304 grade) |
| **Body Shape** | Hexagonal (Hex) |
| **Across Flats (Width)** | 4.0 mm |
| **Length (C-Value)** | 12.0 mm |
| **RoHS Compliant** | Yes |
---
### Key Electronic & Mechanical Functions
1. **Electrical Isolation vs. Grounding**:
* Since this part is made of **Stainless Steel**, it is electrically conductive.
* It is often used to create a common ground between a PCB ground plane and a metal enclosure.
* If isolation is required, nylon washers must be used in conjunction with this part.
2. **Structural Support**:
* The "C12" indicates a 12mm length, which provides a fixed vertical clearance. This prevents short-circuiting that could occur if a PCB touches a metal housing.
3. **Heat Dissipation**:
* Metal standoffs act as minor heat sinks, helping to conduct thermal energy away from the PCB and into the chassis.
---
### Part Number Breakdown
Understanding the nomenclature helps in identifying variations:
* **M2**: The metric thread diameter (2mm).
* **SBS**: The series designation (typically referring to Stainless Steel Hex Standoffs).
* **C12**: The length of the body (12mm).
* **R**: Often denotes "RoHS Compliant" or a specific packaging/revision code depending on the manufacturer (such as *RAF Electronic Hardware* or *Mac8*).
---
### Application Example
```cpp
// Context: Mounting an M.2 NVMe drive or small controller board
// The M2SBS-C12-R provides the elevation.
1. Place M2SBS-C12-R on the chassis mounting hole.
2. Secure from underneath with an M2 screw.
3. Place the PCB on top of the standoff.
4. Secure the PCB with a second M2 screw into the top of the standoff.
```
- ⤷
What is the maximum torque limit for an M2 stainless steel standoff?
- ⤷ Are there nylon versions of the SBS series for total electrical isolation?
- ⤷ How does the 'across flats' measurement affect PCB layout clearances?