전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-161-R/Q

  • AI
    The **M2SES-161-R/Q** is a high-precision, industrial-grade inductive proximity sensor, typically manufactured by companies like **Contrinex** (or similar automation component providers). It is designed to detect the presence of metallic objects without physical contact. Below is a detailed breakdown of its electronic parts, specifications, and operational characteristics. --- ## 1. Technical Specifications This sensor belongs to the "Miniature" or "Small" series, often used in space-constrained robotics and assembly lines. | Feature | Specification | | :--- | :--- | | **Housing Material** | Stainless Steel (typically V2A / AISI 303) | | **Sensing Distance ($S_n$)** | 1.0 mm to 1.5 mm (model dependent) | | **Operating Voltage** | 10 - 30 VDC | | **Output Type** | PNP or NPN (depending on the 'Q' suffix) | | **Switching Frequency** | Up to 3000 Hz - 5000 Hz | | **Protection Rating** | IP67 (Water and Dust resistant) | | **Connection Type** | PUR Cable or M8 Connector | --- ## 2. Internal Electronic Components The device functions through a series of integrated electronic stages: ### A. The Oscillator (The "Heart") The front end of the sensor contains an **LC Resonant Circuit** (Inductor and Capacitor). - **Function:** It generates a high-frequency electromagnetic field that emanates from the sensing face. - **The Coil:** A micro-wound copper coil creates the field that interacts with nearby metals. ### B. The Demodulator & Trigger Circuit - **Eddy Currents:** When a metal object enters the field, "Eddy currents" are induced in the target, which draws energy from the oscillator. - **Amplitude Detection:** The demodulator senses the drop in oscillation amplitude. - **Schmitt Trigger:** This component converts the analog signal drop into a clean "On" or "Off" digital signal to prevent "chattering" (flickering). ### C. Output Stage (Transistor) The final stage is a solid-state switching transistor: - **PNP:** Switches the positive load (common in Europe). - **NPN:** Switches the negative load (common in Asia/North America). - **Protection:** Includes short-circuit and reverse polarity protection diodes to prevent damage from incorrect wiring. --- ## 3. Wiring Configuration Standard M2SES sensors typically use a 3-wire system: ```mermaid graph LR A[Brown: +VDC] --- B(Sensor) C[Blue: 0V/GND] --- B D[Black: Signal/Load] --- B ``` --- ## 4. Key Applications * **Position Sensing:** Detecting the "Home" position of a small CNC axis. * **Counting:** High-speed counting of metallic gears or bolts on a conveyor. * **Speed Monitoring:** Measuring RPM by sensing a rotating notched metal disc.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' suffixes in this part number?
    • ⤷ How does the sensing distance change if the target is aluminum instead of steel?
    • ⤷ Can this sensor be used in high-temperature environments?