전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-1A2-R2

  • AI
    The **M2SES-1A2-R2** is a specific part number typically associated with high-performance **Magnetic Proximity Sensors** or **Reed Switches**, often used in industrial automation and security systems. Below is a detailed breakdown of its electronic characteristics and components. --- ### 1. General Specifications The M2SES series is designed for non-contact sensing, utilizing a magnetic field to actuate a switch. | Feature | Description | | :--- | :--- | | **Type** | Magnetic Proximity Switch (Reed Type) | | **Contact Form** | 1A (SPST - Normally Open) | | **Housing Material** | Stainless Steel or High-Durability Resin | | **Connection Type** | Lead Wire or M12 Connector (variant dependent) | | **Switching Voltage** | Max 100V - 250V AC/DC (Standard Range) | --- ### 2. Internal Electronic Parts The device consists of three primary internal layers/components: #### A. The Reed Switch Insert This is the "heart" of the component. It consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope filled with inert gas. * **Plating:** Usually Rhodium or Ruthenium to prevent contact welding. * **Operation:** When a magnet approaches, the blades become polarized and pull together, closing the circuit. #### B. Protection Circuitry (Internal) While basic models are passive, the "-R2" designation often implies specific resistance or protection features: * **Resistor (Internal):** Sometimes used for line monitoring to detect if the wire has been cut (End-of-Line monitoring). * **Encapsulation:** The internal cavity is filled with epoxy resin to protect the electronics from vibration, moisture, and dust. #### C. Magnetic Actuator (External Pair) This part functions as the "trigger." It is a permanent magnet (usually Neodymium or Alnico) encased in a matching housing. --- ### 3. Technical Parameters | Parameter | Typical Value | | :--- | :--- | | **Switching Current** | 0.5A to 1.0A | | **Contact Resistance** | < 150 mΩ | | **Operating Temperature** | -20°C to +85°C | | **Sensing Distance** | 10mm to 25mm (Depends on magnet strength) | --- ### 4. Applications * **Safety Interlocking:** Ensuring machine guards are closed before operation. * **Position Detection:** Used on pneumatic cylinders or sliding doors. * **Security:** Monitoring the status of heavy-duty gates or industrial shutters. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific sensing distance for the M2SES-1A2-R2?
    • ⤷ Can this sensor be used in explosive (ATEX) environments?
    • ⤷ How does the 'R2' suffix change the wiring configuration?