전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-1AA-R

  • AI
    The **M2SES-1AA-R** belongs to a specific category of electronic components, typically associated with **M2M (Machine to Machine)** or **IoT connectivity solutions**, specifically those manufactured by brands like **Multi-Tech Systems**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The M2SES-1AA-R is an **embedded serial-to-Ethernet server module**. Its primary purpose is to provide network connectivity to legacy devices that communicate via serial protocols (RS-232/485) but need to interface with a modern Ethernet network. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Interface Type** | Serial (UART/TTL) to Ethernet (10/100 Mbps) | | **Form Factor** | Embedded module (PCB mount) | | **Operating Voltage** | Typically 3.3V DC | | **Connectors** | 1 x RJ-45 (Ethernet), Pin Headers for Serial/Power | | **Protocols Supported** | TCP/IP, UDP, DHCP, ARP, ICMP | | **Baud Rates** | Up to 921.6 Kbps | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 3. Electronic Architecture The internal circuitry of this part consists of three main functional blocks: * **Processor/MAC:** A dedicated microcontroller that handles the TCP/IP stack and translates data packets between the serial and network layers. * **Ethernet PHY:** The physical layer transceiver that manages the electrical signals for the 10/100Base-T Ethernet port. * **Isolation Transformer:** Integrated into the RJ-45 jack to provide galvanic isolation, protecting the internal electronics from power surges on the network cable. ### 4. Application Use Cases This component is used in environments where hardware lacks a native network interface: 1. **Industrial Automation:** Connecting PLC (Programmable Logic Controllers) to a central server. 2. **Security Systems:** Linking serial-based access control panels to a LAN. 3. **Medical Devices:** Monitoring legacy diagnostic equipment over a hospital network. 4. **Energy Management:** Connecting smart meters to data logging software. --- ### 5. Integration Code Snippet (Conceptual) When interfacing with this module via a microcontroller (like an Arduino or STM32), you communicate via **UART**. ```cpp // Basic Serial initialization to talk to the M2SES module #include void setup() { // Initialize UART for communication with the M2SES-1AA-R Serial1.begin(115200); // Send data to be transmitted over the Ethernet network Serial1.println("DATA_TO_NETWORK"); } void loop() { // Check if data is coming back from the Ethernet network if (Serial1.available()) { char inByte = Serial1.read(); // Process incoming network data } } ```
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for the M2SES-1AA-R during active transmission?
    • ⤷ How does the hardware flow control work on this specific serial module?
    • ⤷ What is the difference between the M2SES-1AA-R and the M2SES-1-R model?