전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-1AC-R/N

  • AI
    The **M2SES-1AC-R/N** belongs to the M2SES series, typically associated with high-precision signal conditioners or isolation modules, often manufactured by companies like **M-System**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. General Specifications The model code describes a specific configuration of the device: | Feature | Description | | :--- | :--- | | **Series** | M2SES (Ultra-slim Signal Conditioner) | | **Input** | AC Voltage / Current (Frequency dependent) | | **Output** | DC Output (Linearized) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | --- ### 2. Breakdown of the Part Number (M2SES-1AC-R/N) | Segment | Meaning | Detail | | :--- | :--- | :--- | | **M2SES** | Model Series | Ultra-slim Signal Conditioner / Isolator | | **1** | Output | Single Output | | **AC** | Input Type | AC Voltage or Current Sensing | | **R** | Power Input | 24V DC | | **N** | Special Feature | Often denotes "None" (Standard) or specific compliance/coating | --- ### 3. Key Electronic Components & Internal Design The internal circuitry of a signal conditioner like the M2SES typically consists of four main stages: #### A. Input Conditioning (AC Sensing) * **Precision Resistors/Transformers:** Converts high AC voltage or current into a low-level signal manageable by the internal electronics. * **Rectifier Circuit:** Converts the AC input into a DC equivalent (RMS or Mean value). #### B. Galvanic Isolation * **Optoisolators or Magnetic Couplers:** These components ensure there is no direct electrical path between the input, output, and power source. This protects sensitive PLC/DCS equipment from high-voltage surges or ground loops. * **Dielectric Strength:** Usually rated for 2000V AC for 1 minute. #### C. Signal Processing * **Operational Amplifiers (Op-Amps):** Used for scaling and linearizing the signal. * **Zero/Span Adjustments:** Potentiometers (trimmers) located on the front panel to calibrate the output to 0% and 100% of the signal range. #### D. Output Stage * **Voltage/Current Drivers:** Converts the internal signal back to a standard industrial format (e.g., 4–20mA DC or 1–5V DC). --- ### 4. Technical Summary Table | Parameter | Specification (Typical) | | :--- | :--- | | **Supply Voltage** | 24V DC (±10%) | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Accuracy** | ±0.3% of span | | **Temperature Coefficient** | ±0.015%/°C | | **Housing Material** | Flame-resistant resin (Black) | --- ### 5. Wiring Diagram Overview ```text [ Input ] (1, 2) <---- AC Signal [ Power ] (4, 5) <---- 24V DC [ Output] (3, 6) ----> DC To Controller (PLC/DCS) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific input range options for the M2SES-1AC series?
    • ⤷ How do you calibrate the Zero and Span settings on this module?
    • ⤷ What is the difference between the 'R' and 'M2' power codes in this series?