AI

The **M2SES-1AC-R2/CE** is a high-precision, plug-in type signal conditioner (Isolator) manufactured by **M-System** (now MG CO., LTD). It is part of the M2 Series, designed to accept a DC input signal and provide an isolated DC output signal.
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Model Series** | M2 Series (Mini-M) |
| **Function** | Signal Isolator (Input/Output/Power Isolation) |
| **Construction** | Plug-in base type |
| **Mounting** | DIN rail or Surface mounting |
| **Certification** | CE Marking (EMC Directive) |
---
### 2. Breakdown of the Model Number (Coding)
The suffix segments explain the specific electronic configuration of this unit:
* **M2SES**: The base model for a Signal Isolator.
* **1**: Denotes the Input Signal type (Current Input, typically 4–20mA DC).
* **A**: Denotes the Output Signal type (Current Output, typically 4–20mA DC).
* **C**: Power Input specification (100V AC).
* **R2**: Power Input specification (24V DC). *Note: Usually, the code following the power indicator clarifies the specific voltage range/type; "R" often signifies 24V DC in the M-System nomenclature.*
* **CE**: Confirms the unit meets European Conformity standards for safety and electromagnetic interference.
---
### 3. Key Electronic Components & Internal Architecture
The unit functions through three primary stages of electronic circuitry:
#### A. Input Stage
* **Shunt Resistor:** For current inputs (like 4-20mA), the unit uses a precision resistor to convert the current into a proportional voltage.
* **Surge Absorbers:** Protects the internal circuits from high-voltage spikes on the input lines.
#### B. Isolation Barrier (Galvanic Isolation)
* **Optical or Transformer Isolation:** This is the "core" of the device. It electronically separates the input, output, and power supply.
* **Benefit:** This prevents "ground loops" and protects expensive PLC/DCS equipment from field-side electrical faults. It provides isolation up to **2000V AC**.
#### C. Output & Power Stage
* **Operational Amplifiers (Op-Amps):** Used to scale and linearize the signal to the desired output range.
* **DC-DC Converter:** Converts the input power (e.g., 24V DC) into the various internal voltages required to run the electronics while maintaining isolation.
* **Adjustment Potentiometers:** Accessible on the front panel for **Zero** and **Span** calibration.
---
### 4. Technical Performance Data
| Parameter | Specification |
| :--- | :--- |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Insulation Resistance** | 100 MΩ with 500V DC |
| **Isolation Strength** | 2000V AC @ 1 minute (Input to Output to Power to Ground) |
| **Temperature Drift** | ±0.015% per °C |
---
### 5. Typical Application
These parts are used in industrial automation to connect a sensor (like a flow meter) to a controller (PLC). If the sensor is in a "noisy" environment, the **M2SES** cleans the signal and ensures that an electrical failure at the sensor does not travel back to destroy the controller's input card.
- ⤷What is the difference between a signal isolator and a signal converter?
- ⤷ How do I calibrate the Zero and Span on this specific model?
- ⤷ Can this unit be used with 4-20mA loop-powered sensors?