전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-1AC-R2/UL

  • AI
    The **M2SES-1AC-R2/UL** is a high-performance **Solid State Relay (SSR)** manufactured by **M-System** (a subsidiary of MG CO., LTD). This specific model is designed for industrial signal conditioning and high-speed switching of AC loads. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Input Signal** | 4 – 20 mA DC | | **Output Type** | Triac (AC Output) | | **Control Method** | Zero-cross switching (reduces noise/surge) | | **Rated Load Voltage** | 100 – 240V AC | | **Maximum Load Current** | 1.0 A (at 40°C) | | **Isolation** | 2000V AC (between Input to Output to Power) | | **Power Input** | 24V DC | | **Standards** | UL / cUL Class I, Div. 2; CE Marking | --- ### 2. Functional Electronic Components The internal architecture of the M2SES-1AC-R2/UL consists of three main stages: #### A. Input Conditioning Circuit * **Current Loop Receiver:** Monitors the 4–20 mA DC signal. * **Opto-Isolator:** Uses an internal LED and photo-detector to transfer the signal across a dielectric barrier. This ensures that electrical faults on the high-voltage AC side do not damage the low-voltage DC controller. #### B. Control Logic (The "R2" Designation) * **Zero-Cross Circuit:** This electronic logic waits for the AC sine wave to pass through zero volts before turning the switch ON. This prevents large electromagnetic interference (EMI) and protects the load from sudden voltage spikes. #### C. Output Power Stage * **Triac/Thyristor:** The physical switching is handled by a power semiconductor. Unlike mechanical relays, there are no moving parts, meaning there is no contact wear or "arcing." * **Snubber Circuit:** An internal RC (Resistor-Capacitor) network is typically included to protect the Triac from high $dv/dt$ (rapid voltage changes) that could cause accidental triggering. --- ### 3. Physical & Installation Features * **Plug-in Base:** The unit uses a socket-mounted design, allowing for "Hot Swapping" or easy maintenance without rewiring. * **LED Indicators:** Provides visual feedback for power status and output activity. * **Compact Housing:** Designed for DIN rail mounting, optimizing space in industrial control panels. --- ### 4. Typical Applications * **Heater Control:** Precise switching for electric heaters in plastic extrusion or packaging. * **Solenoid Valves:** Interfacing PLC outputs to drive AC solenoids. * **Motor Starters:** Acting as a pilot relay for larger AC contactors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between zero-cross and random-fire switching in SSRs?
    • ⤷ Can this model be used with inductive loads like large motors?
    • ⤷ What are the specific wiring requirements for the 24V DC power supply?