전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-1AD-R2/UL

  • AI
    The **M2SES-1AD-R2/UL** is a specialized electronic component, specifically a **Super-Slim Signal Conditioner** (Isolator) manufactured by **M-System**. It is designed to interface between field instruments and control systems (like PLCs or DCS), providing signal conversion and galvanic isolation. --- ## 1. Technical Specifications The following table outlines the primary electronic characteristics of the M2SES-1AD-R2/UL: | Feature | Specification | |:---|:---| | **Model Type** | Ultra-slim Signal Conditioner (M2S Series) | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC | | **Power Input** | 24V DC | | **Isolation** | 3-way (Input to Output to Power) | | **Mounting** | DIN Rail | | **Standards** | UL/cUL recognized, CE Marking | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | --- ## 2. Key Electronic Components & Functions ### A. Input Circuit (4-20mA) The input stage consists of a precision shunt resistor. When the 4-20mA loop current passes through this resistor, it creates a proportional voltage drop. This signal is then filtered to remove electromagnetic interference (EMI) before being processed. ### B. Galvanic Isolation (The "Core") The device utilizes **3-way isolation**: * **Input to Output:** Prevents ground loops from affecting measurement accuracy. * **Input to Power:** Protects the internal power supply from field surges. * **Output to Power:** Protects the control system from power supply noise. * *Mechanism:* Usually achieved via optical couplers or miniature high-frequency transformers. ### C. Output Driver The output stage reconstructs the 4-20mA signal. It is designed to drive a specific load resistance (typically up to 550 $\Omega$). This stage ensures that the output remains linear relative to the input, regardless of variations in the output loop resistance. ### D. Power Management The "R2" designation indicates a 24V DC power requirement. Internally, the device uses a DC-to-DC converter to create isolated voltage rails for the input and output circuitry. --- ## 3. Wiring Diagram Concept The unit typically features a plug-in base or tension-clamp terminals. ```text [ Field Device ] ----> (Input: Pins 5 & 6) [ 24V DC Power ] ----> (Power: Pins 7 & 8) [ PLC / Controller ] <---- (Output: Pins 1 & 2) ``` --- ## 4. Why the "UL" Suffix Matters The **/UL** suffix indicates that the electronic components and housing materials meet specific safety standards for the North American market, particularly regarding: * **Flame Retardancy:** The plastic casing must be self-extinguishing. * **Dielectric Strength:** The isolation barrier is tested to withstand high voltage (typically 2000V AC for 1 minute) without breakdown.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the output of the M2SES-1AD-R2?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this model?
    • ⤷ What are the environmental temperature limits for this signal conditioner?