전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-1B1-R2/N

  • AI
    The **M2SES-1B1-R2/N** is a specialized electronic component typically used in industrial automation, specifically within the realm of **limit switches** or **position sensors**. This specific part number often refers to a modular limit switch body or assembly used for sensing mechanical motion and converting it into an electrical signal. --- ### 1. Technical Specifications Overview Below is a breakdown of the typical electronic and mechanical characteristics associated with this series: | Parameter | Description | | :--- | :--- | | **Component Type** | Industrial Limit Switch / Position Switch | | **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) | | **Switching Function** | Snap-Action or Slow-Action (model dependent) | | **Housing Material** | Heavy-duty Die-cast Metal or Reinforced Plastic | | **Connection Type** | M12 Connector or Screw Terminals | | **Protection Rating** | IP65 / IP67 (Dust tight and Water resistant) | --- ### 2. Core Electronic Parts and Functions The internal architecture consists of several critical electronic and electromechanical parts: #### A. Contact Blocks The "heart" of the component. When the external lever or plunger is moved, it triggers the internal contact block. * **Stationary Contacts:** Fixed points connected to the wiring. * **Movable Contacts:** A bridge that moves to complete or break the circuit. #### B. The Actuator Mechanism This is the mechanical interface that interacts with the machine parts. In the **M2SES** series, this usually includes: * **Internal Spring:** Provides the "reset" force to return the switch to its original state. * **Cam/Plunger:** Translates external force into internal contact movement. #### C. Termination Interface * **R2/N Designation:** This often refers to the specific wiring output, such as a **Right-angle M12 connector** or a specific cable gland entry size (like NPT or PG13.5). --- ### 3. Application Use Cases The M2SES-1B1-R2/N is designed for rugged environments where precision and reliability are required: 1. **Safety Interlocking:** Ensuring a machine guard is closed before the motor starts. 2. **End-of-Travel Sensing:** Stopping a conveyor belt or CNC axis when it reaches its maximum limit. 3. **Object Detection:** Counting items on a production line via physical contact. --- ### 4. Circuit Diagram Representation In a standard electrical schematic, the wiring for a 1NO+1NC configuration would look like this: ```mermaid graph LR LineIn((Input)) --> NC[Normally Closed 11/12] LineIn((Input)) --> NO[Normally Open 23/24] NC --> Load1[Stop Signal] NO --> Load2[Start/Indication] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the M2SES-1B1-R2/N?
    • ⤷ Does this model support 'Positive Opening' for safety applications?
    • ⤷ How does the 'R2/N' suffix impact the mounting dimensions?