전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-1H3-R

  • AI
    The **M2SES-1H3-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Inductor** or a specialized **Magnetic Component** (often used in power management or signal filtering). Based on standard industry nomenclature for this series, here is the technical breakdown of its electronic parts and characteristics: ### 1. Technical Specifications Below are the typical electrical parameters associated with this component type: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Inductance** | Specified by the "1H3" code (Commonly 1.3µH) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Shielded (to prevent Electromagnetic Interference) | | **Tolerance** | Usually ±20% | | **Core Material** | Ferrite or Metal Alloy Composite | --- ### 2. Internal Construction & Material The "parts" inside the M2SES-1H3-R consist of three primary elements: * **The Coil (Winding):** Usually made of high-conductivity copper wire. The "1H3" designation refers to the number of turns and the resulting inductance value. * **The Core:** A magnetic ferrite or metal powder core that concentrates the magnetic flux, allowing for high inductance in a small physical footprint. * **The Terminations (Pads):** The "R" in the suffix often denotes the RoHS compliance or a specific reel packaging, but physically, the pads are tin-plated for easy soldering to a Printed Circuit Board (PCB). --- ### 3. Functional Role in Electronics In a circuit, the M2SES-1H3-R performs several critical roles: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency noise (EMI). 3. **Smoothing:** It reduces ripple current in power supply outputs to provide a stable voltage to sensitive components like CPUs or Sensors. --- ### 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **M2SES** | Series Identifier (Manufacturer specific series for high-current SMD inductors) | | **1H3** | Inductance Code (1.3 Microhenries) | | **R** | Packaging / Environmental Standard (e.g., Tape & Reel / RoHS Compliant) |
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the M2SES series?
    • ⤷ How does a shielded inductor differ from an unshielded one in PCB design?
    • ⤷ What are the common alternatives to the M2SES-1H3-R inductor?