전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-1HA-R2/N

  • AI
    Based on the technical nomenclature, the **M2SES-1HA-R2/N** appears to be a specialized signal conditioner or transducer, typically associated with industrial automation brands like **M-System** (now MG CO., LTD). This specific model belongs to the M2-UNIT series of plug-in signal conditioners. --- ### 1. General Specifications This device is a **Potentiometer Transmitter**, designed to detect the position of a potentiometer (slidewire) and convert it into a standard industrial DC signal. | Component Detail | Specification | | :--- | :--- | | **Primary Function** | Potentiometer Transmitter | | **Input Signal** | Potentiometer/Slidewire (100 $\Omega$ to 10 k$\Omega$) | | **Output Signal** | 4 – 20 mA DC | | **Power Input** | 100 – 240V AC | | **Mounting** | Plug-in (base socket included) | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | --- ### 2. Breakdown of Model Suffixes The alphanumeric code describes the specific electronic configuration: * **M2SES**: Model series (M2-UNIT Potentiometer Transmitter). * **1**: Standard configuration/Performance grade. * **H**: High-impedance or specific high-output capability. * **A**: Power supply code (usually denotes AC power, 100-240V). * **R2**: Output code (signifies 4-20mA DC). * **N**: Specific option code (often denotes no special coating or standard terminal block). --- ### 3. Electronic Architecture The internal circuitry of this part consists of several key stages: #### A. Reference Voltage Circuit To measure a potentiometer position, the device provides a stable **Reference Voltage** (usually around 0.5V to 1V DC) across the end terminals of the external potentiometer. #### B. Signal Isolation The unit provides **3-port isolation**: 1. **Input to Output**: Prevents ground loops from affecting the PLC/DCS. 2. **Input/Output to Power**: Protects the low-voltage signals from power line surges. 3. **Isolation Strength**: Typically rated for 2000V AC @ 1 minute. #### C. Zero and Span Adjustments On the front panel, there are two multi-turn potentiometers (trimmers): * **ZERO**: Adjusts the 4mA point when the external potentiometer is at 0%. * **SPAN**: Adjusts the 20mA point when the external potentiometer is at 100%. --- ### 4. Connection Diagram (Internal Logic) ```mermaid graph LR A[Potentiometer Input] --> B[Isolation Circuit] B --> C[Amplifier/Converter] C --> D[4-20mA DC Output] E[AC Power Supply] --> B E --> C ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ What is the maximum resistance load for the 4-20mA output loop?
    • ⤷ Can this unit be used with a 2-wire potentiometer configuration?