전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-1HD-R/UL

  • AI
    The **M2SES-1HD-R/UL** is a high-performance electronic signal isolator/transmitter from the M2 Series by **M-System**. It is designed to receive a DC input signal and provide a standard isolated DC output, typically used in industrial automation to prevent ground loops and protect control systems. --- ### 1. Key Technical Specifications The "R" in the model name typically indicates wide-range AC power support, while "UL" signifies compliance with Underwriters Laboratories safety standards. | Feature | Specification | | :--- | :--- | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC | | **Power Input** | 100 – 240V AC (Wide-range) | | **Response Time** | High-speed response (approx. 25 ms) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting (Socket-type) | | **Certifications** | UL/cUL recognized, CE marking | --- ### 2. Internal Electronic Components & Design The device is composed of several critical electronic stages that ensure signal integrity: #### A. Input Conditioning Stage * **Precision Shunt Resistor:** Converts the 4-20mA current loop into a proportional voltage signal. * **Surge Absorbers:** Built-in protection against voltage spikes on the input line. #### B. Isolation Barrier * **Optical or Magnetic Coupler:** This is the core of the device. It breaks the physical electrical connection between the input and output. * **Benefits:** Prevents "Noise" and "Ground Loops" from traveling from field sensors to a PLC or DCS. #### C. Power Conversion Stage * **Switching Power Supply:** Converts the 100-240V AC input into stable DC voltages for internal circuitry. * **Transformer Isolation:** Provides a secondary layer of safety and noise rejection between the mains power and the signal paths. #### D. Output Stage * **Operational Amplifiers (Op-Amps):** Scale and linearize the signal to ensure the output matches the input with high accuracy (typically $\pm$0.1%). * **Zero/Span Adjustments:** Potentiometers accessible on the front panel to calibrate the signal offset and gain. --- ### 3. Wiring Diagram (Simplified Logic) ```text Power (100-240V AC) ----> [ Power Supply Section ] | Input (4-20mA) ---------> [ Isolation Barrier ] ---------> Output (4-20mA) | [GND] ``` ### 4. Application Use Case This part is commonly used when a sensor (like a flow meter or pressure transmitter) is located far from the control cabinet. Differences in earth potential between the two locations can cause "phantom" signals. The **M2SES-1HD-R/UL** strips away this noise and provides a clean, 1:1 replica of the signal to the controller.
    ✨ Follow-up Questions
    • ⤷What is the difference between the M2SES and the standard M2S model?
    • ⤷ How do I calibrate the zero and span on this unit?
    • ⤷ What are the specific terminal pin assignments for the R/UL version?