전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-262-R

  • AI
    The **M2SES-262-R** is a specific electronic component within the category of **Board-to-Board (BTB) connectors**, typically manufactured by companies like **Iriso Electronics** or similar precision connector specialists. It is designed for high-reliability applications, often in the automotive or industrial sectors. --- ## Technical Specifications Overview The M2SES series is characterized by its high-density design and floating structure. Below are the typical technical parameters for this part: | Feature | Specification | | :--- | :--- | | **Part Type** | Plug / Socket (Board-to-Board) | | **Pitch** | 0.5 mm | | **Number of Pins** | 60 Pins (commonly indicated by the '262' series code) | | **Mounting Type** | Surface Mount (SMT) | | **Orientation** | Right-Angle or Vertical (depending on mating pair) | | **Contact Material** | Copper Alloy | | **Plating** | Gold Plating (for corrosion resistance) | | **Operating Temperature** | -40°C to +105°C | --- ## Key Features ### 1. Floating Structure One of the most critical aspects of the "M2SES" series is its **floating mechanism**. * **X and Y axes:** The connector can move slightly in the X and Y directions to absorb mounting misalignments. * **Z-axis:** It handles tolerances in the mating height. * **Benefit:** This reduces stress on the solder joints, preventing cracks during high-vibration environments (like a moving vehicle). ### 2. High-Speed Transmission These connectors are engineered to handle high-speed data signals, making them suitable for: * In-vehicle infotainment systems. * ADAS (Advanced Driver Assistance Systems) camera links. * Navigation units. ### 3. Automated Assembly The "R" suffix often denotes **Tape and Reel (T&R)** packaging. This is essential for high-speed pick-and-place machines in automated electronics manufacturing. --- ## Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **M2SES** | Series Name (Floating 0.5mm pitch) | | **262** | Specific configuration/Pin count identifier | | **R** | Packaging Code (Tape and Reel) | --- ## Applications * **Automotive:** ECU (Engine Control Units), Display clusters, and Sensor modules. * **Industrial:** Robot controllers and PLCs where vibration resistance is required. * **Medical:** Diagnostic equipment requiring secure internal board connections.
    ✨ Follow-up Questions
    • What is the maximum data transfer rate supported by the M2SES series?
    • What is the mating height for the M2SES-262-R?
    • Are there specific soldering temperature profiles recommended for this SMT part?