전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-2AD-R2

  • AI
    The **M2SES-2AD-R2** is a high-performance analog input module, typically part of the **M2 series** (often associated with manufacturers like M-System). It is designed to convert analog signals into digital data for industrial automation and control systems. --- ### ## Technical Specifications Below is a breakdown of the core electronic specifications for this module: | Component/Feature | Specification | | :--- | :--- | | **Input Channels** | 2-channel analog input | | **Input Type** | Voltage or Current (DC) | | **Resolution** | 12-bit or 16-bit (depending on configuration) | | **Response Time** | $\leq$ 0.5 seconds (standard) | | **Isolation** | Input to Output to Power (3-way isolation) | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Power Requirement** | Typically 24V DC | --- ### ### Core Electronic Components The internal architecture of the M2SES-2AD-R2 consists of several critical electronic stages: 1. **Signal Conditioning Stage:** * Uses high-precision operational amplifiers (Op-Amps) to scale and filter incoming analog signals (e.g., 4-20mA or 0-10V). * Includes surge protection components to prevent damage from voltage spikes. 2. **A/D Converter (Analog-to-Digital):** * This is the "heart" of the module. It samples the continuous voltage and converts it into a binary format that a PLC or computer can read. 3. **Optical Isolators:** * To maintain circuit integrity and prevent ground loops, the module uses optocouplers to transmit data across a physical gap using light. 4. **Microprocessor:** * Manages data communication, error checking, and calibration settings stored in non-volatile memory. 5. **DC-DC Converter:** * Internal power regulation that ensures the sensitive analog components receive stable, noise-free voltage regardless of external power fluctuations. --- ### ### Wiring Configuration The terminal blocks are usually organized by function. Always refer to the specific wiring diagram on the side of the unit casing. ```text Terminal Function ---------------------- 1 & 2 Channel 1 Input (+ / -) 3 & 4 Channel 2 Input (+ / -) 5 & 6 Output / Communication 7 & 8 Power Supply (24V DC) ``` --- ### ### Applications * **Process Monitoring:** Converting sensor data (Temperature, Pressure, Flow) into PLC-readable signals. * **Data Acquisition:** Connecting field instruments to a SCADA system. * **Signal Conversion:** Acting as a bridge between legacy analog sensors and modern digital controllers.
    ✨ Follow-up Questions
    • ⤷ What are the specific dip switch settings for switching between voltage and current inputs?
    • ⤷ How do I perform a zero and span adjustment on this module?
    • ⤷ Is this module compatible with Modbus RTU communication?