전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-2B3-R2/CE

  • AI
    The **M2SES-2B3-R2/CE** is a specific part number typically associated with high-precision industrial components, most commonly identified as a **magnetic encoder system** or a related linear/rotary feedback sensor from manufacturers like **Magnescale** (formerly Sony Precision Technology). Below is a breakdown of the technical and electronic characteristics of this series. --- ## 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Component Type** | Magnetic Scale / Encoder Sensor | | **Signal Output** | A/B Phase (Quadrature) + Reference Point | | **Resolution** | Usually ranges from 0.01μm to 5μm (Configurable) | | **Power Supply** | 5V DC ±5% | | **Output Type** | TTL Line Driver (RS-422 compliant) | | **Protection Class** | IP67 (High resistance to oil and dust) | --- ## 2. Key Electronic Components & Functionality ### A. Magnetic Sensing Element The core of the device uses a **Magneto-Resistive (MR)** sensor head. Unlike optical encoders that use light and glass scales, this part detects changes in magnetic flux from a magnetized scale. * **Electronic Benefit:** It is immune to environmental contaminants like coolant, oil, and metal shavings that would blind an optical sensor. ### B. Signal Processing (Interpolation) The "R2" designation often refers to internal interpolation electronics. * **Function:** The raw analog sine/cosine signals from the magnetic head are electronically subdivided (interpolated) to produce high-resolution digital pulses. * **Accuracy:** High-speed processing ensures minimal signal delay even during rapid mechanical movement. ### C. Output Circuitry (Line Driver) The device utilizes an **RS-422 Line Driver** circuit. * **Differential Signaling:** It sends two signals for every channel (A and /A, B and /B). * **Noise Immunity:** This electronic configuration cancels out common-mode electromagnetic interference (EMI), allowing for long cable runs in noisy industrial environments (near VFDs or large motors). --- ## 3. Connector Pinout (Standard M12/Circular) *Typically, these units use a standardized industrial connector pinout:* 1. **Phase A / Phase B:** Incremental position data. 2. **Phase Z:** Index/Reference mark for "Home" positioning. 3. **Vcc/GND:** 5V Power and Ground. 4. **Shield:** Connected to the sensor body for ESD protection. --- ## 4. Application Context The **CE** suffix indicates compliance with European safety and electromagnetic compatibility standards. This part is electronically designed for: * **CNC Machine Tools:** Feedback for X, Y, or Z axes. * **Semiconductor Manufacturing:** Precise positioning in cleanrooms. * **Heavy Industrial Robots:** Where vibration and dirt are prevalent.
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution and maximum cable length supported by this model?
    • ⤷ How does a magnetic encoder compare to an optical encoder in terms of electronic lifespan?
    • ⤷ Can this sensor be interfaced directly with an Arduino or PLC?