M2SES-2BC-R2/Q
AI

The **M2SES-2BC-R2/Q** is a high-performance, industrial-grade storage module, specifically an **M.2 SATA SSD** (Solid State Drive) designed by **Innodisk**. It belongs to the 3TG6-P series, tailored for embedded systems, automation, and mission-critical applications.
---
### 1. Technical Specifications
The following table highlights the core electronic and physical components of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 (SATA) 2280 |
| **Interface** | SATA III (6.0 Gb/s) |
| **Flash Type** | 3D TLC (Triple-Level Cell) |
| **Capacity** | 256GB (Commonly denoted by the '2B' code) |
| **NAND Type** | Industrial Grade 3D NAND |
| **DRAM Buffer** | DRAM-less Design (typically) |
| **Input Voltage** | +3.3V ± 5% |
---
### 2. Key Electronic Components & Technologies
#### A. Controller and Firmware
The module uses a specialized SATA controller optimized for industrial workloads. Key firmware features include:
* **iData Guard:** A proprietary power-fail management system that protects data during sudden power loss.
* **LDPC ECC:** Low-Density Parity-Check Error Correction Code to ensure data integrity over the life of the flash.
* **Wear Leveling:** Algorithms that distribute write/erase cycles evenly across the NAND cells to prevent premature failure.
#### B. The Flash Storage (3D TLC)
Unlike consumer drives, the "Q" or industrial designation often implies a higher grade of 3D TLC NAND.
* **P/E Cycles:** Rated for higher Program/Erase cycles than standard consumer SSDs.
* **Density:** The 3D stacking allows for high capacity in a small M.2 footprint.
#### C. Thermal Management
Industrial modules like this are designed with internal thermal sensors. If the drive exceeds its operating temperature (typically 0°C to +70°C for standard, or -40°C to +85°C for wide-temp versions), the controller will engage **Thermal Throttling** to prevent electronic damage.
---
### 3. Pinout Structure (M.2 B+M Key)
The M2SES-2BC-R2/Q uses a standard M.2 edge connector. Below is a simplified representation of the signal categories:
| Pin Group | Function |
| :--- | :--- |
| **Power** | 3.3V supply pins for the controller and NAND. |
| **SATA Differential Pairs** | High-speed transmit (TX+/-) and receive (RX+/-) lines. |
| **Ground (GND)** | Reference voltage and shielding. |
| **Control Signals** | DAS/DSS (Device Activity Signal) for LED indicators. |
---
### 4. Part Number Breakdown (Partial)
* **M2S:** M.2 SATA Product Line.
* **ES:** Industrial 3TG6-P Series.
* **2B:** Denotes capacity (256GB).
* **C:** Commercial Temperature range (0°C ~ +70°C).
* **R2/Q:** Hardware revision and specific firmware/package variants.
---
- ⤷What is the difference between this 3D TLC model and a standard SLC industrial drive?
- ⤷ Does this model support AES-256 hardware encryption?
- ⤷ How does iData Guard protect the NAND during a power outage?