전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-2BD-R2SLASHCE

  • AI
    Based on your query, the part number **M2SES-2BD-R2/CE** refers to a high-performance **Magnetic Proximity Sensor** (often used as a safety interlock or door switch) manufactured by **IDEC**. These components are typically used in industrial automation to detect the position of a guard or gate without physical contact. --- ### ## Technical Specifications Breakdown The following table outlines the core electronic and mechanical characteristics of the M2SES series: | Feature | Specification | | :--- | :--- | | **Type** | Non-contact Magnetic Safety Switch | | **Contact Configuration** | 2NC (Normally Closed) + 1NO (Normally Open) / Variant dependent | | **Rated Voltage** | 24V DC | | **Max Current** | ~100mA to 200mA (Signal level) | | **Sensing Distance** | ON: ~5mm to 8mm / OFF: ~15mm to 20mm | | **Degree of Protection** | IP67 (Waterproof/Dustproof) | | **Housing Material** | Plastic (Reinforced PBT) | | **Certification** | CE Marked, UL Listed, TUV (Safety Rated) | --- ### ### Key Electronic Components & Working Principle 1. **Reed Switch/Hall Effect Element:** The internal sensor utilizes either high-reliability reed switches or a magnetic transistor. When the matching magnetic actuator is brought within the sensing range, the magnetic field closes or opens the internal circuit. 2. **Redundant Circuits:** To meet safety standards (like ISO 13849-1), these sensors often feature redundant internal contacts. This ensures that even if one contact fails (welds shut), the other will still signal a "stop" condition. 3. **Built-in Protection:** Most R2/CE variants include internal diodes or resistors to protect against transient voltage spikes and to allow for monitoring by a safety relay. --- ### ### Typical Wiring Diagram Logic While specific wire colors can vary, the standard connection logic for an M2SES sensor is as follows: ```yaml Standard 4-Wire / 6-Wire Setup: - Brown/Blue: Power Supply (24V DC) - Black/White: Safety Channel 1 (NC) - Red/Violet: Safety Channel 2 (NC) - Yellow/Green: Auxiliary/Monitoring (NO) ``` --- ### ### Usage Applications * **Safety Interlocking:** Preventing a machine from starting if a protective door is open. * **Wash-down Environments:** Because it is magnetically actuated and sealed (IP67), it functions reliably in food processing or wet environments where mechanical limit switches would fail. * **Explosion Prevention:** Non-contact switching eliminates the risk of sparks, making them safer for specific classified environments.
    ✨ Follow-up Questions
    • ⤷ What is the wiring color code for the M2SES-2BD-R2/CE?
    • ⤷ Can this sensor be connected directly to a PLC or does it require a safety relay?
    • ⤷ What is the recommended actuator for this specific sensor model?