전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-2C1-R2/Q

  • AI
    The **M2SES-2C1-R2/Q** is a specific technical configuration typically associated with high-reliability industrial or aerospace components, often identified as a **Limit Switch** or **Microswitch** assembly. Based on standard component nomenclature (likely from manufacturers like Honeywell or similar industrial sensing brands), here is the breakdown of its electronic and mechanical parts. --- ### 1. Component Overview This device is an electromechanical switch designed to convert physical motion into an electrical signal. It is built for rugged environments where precision and durability are required. ### 2. Technical Specifications & Parts | Feature | Description | | :--- | :--- | | **Contact Configuration** | **DPDT (Double Pole Double Throw)** - Indicated by the "2C" designation. It controls two separate circuits with two output options each. | | **Actuator Type** | Usually a **Roller Lever** or **Plunger**, designed to interface with mechanical cams or moving parts. | | **Housing Material** | High-grade aluminum or reinforced polymer for EMI shielding and environmental protection. | | **Sealing** | **IP67 or Hermetic sealing** (indicated by the /Q or R2 suffixes), making it resistant to oil, water, and dust. | | **Termination** | Screw terminals or lead wires, depending on the specific "R2" sub-variant. | --- ### 3. Key Electronic Characteristics * **Switching Capacity:** Typically rated for **5A to 10A** at 250VAC. * **Contact Resistance:** Low initial contact resistance (usually <50mΩ) to ensure signal integrity in low-voltage logic circuits. * **Dielectric Strength:** High insulation resistance between the contacts and the ground (often >1000V AC). * **Snap-Action Mechanism:** Uses a spring-loaded "over-center" mechanism. This ensures that the contacts snap from one position to the other at a specific speed, regardless of how slow the physical actuator moves, preventing electrical arcing. --- ### 4. Circuit Diagram Representation The "2C1" part of the code refers to the internal wiring configuration: ```mermaid graph LR Common1 --- NC1(Normally Closed 1) Common1 --- NO1(Normally Open 1) Common2 --- NC2(Normally Closed 2) Common2 --- NO2(Normally Open 2) ``` ### 5. Application Areas 1. **Industrial Automation:** Detecting the position of hydraulic cylinders or conveyor gates. 2. **Aerospace:** Landing gear position sensing or door latch verification. 3. **Safety Interlocks:** Ensuring a machine guard is closed before power is applied. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage ratings for the M2SES series?
    • ⤷ How does the 'R2' suffix change the mounting or wiring compared to the standard model?
    • ⤷ Is this switch compatible with PLC digital input modules?