전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SES-2H3-R2/

  • AI
    The **M2SES-2H3-R2** is a high-performance industrial motor drive, specifically part of the **M2 Series** developed by **Sanyo Denki** (SanMotion). It is a 2-phase stepping motor driver designed for precision motion control. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the M2SES-2H3-R2: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100V AC to 230V AC (+10%, -15%) | | **Phase Count** | 2-Phase | | **Drive Method** | Unipolar Constant Current PWM | | **Output Current** | 3.0A per phase (Peak) | | **Microstep Resolution** | Up to 1/16 step (selectable via DIP switches) | | **Frequency Response** | 250 kpps (max pulse frequency) | | **Interface** | Pulse/Direction (Photocoupler isolated) | --- ### 2. Electronic Components & Internal Functions The unit consists of several critical electronic subsystems: * **Power Supply Stage:** Includes a bridge rectifier and high-voltage electrolytic capacitors to convert AC input into a stable DC bus for the motor. * **Opto-Isolators:** The input signal terminals (Pulse, Direction, All-Windings-Off) use photocouplers to isolate the sensitive control logic from the high-voltage power stage, preventing electrical noise interference. * **Power MOSFET H-Bridge:** The driving stage utilizes power MOSFETs or IGBTs configured to switch the current to the motor windings at high speeds using Pulse Width Modulation (PWM). * **Logic Controller (ASIC/MCU):** A dedicated controller manages the microstepping logic, decay modes, and phase sequencing based on the external pulse train. --- ### 3. Protective Circuitry To ensure reliability in industrial environments, the R2 variant includes several built-in safety features: 1. **Overcurrent Protection:** Shuts down the output if a short circuit or excessive load is detected. 2. **Overheat Protection:** Monitors the internal heatsink temperature; if it exceeds safety limits (typically 80°C), the drive trips a fault. 3. **Regeneration Handling:** Designed to manage back-EMF from the motor during rapid deceleration. --- ### 4. Configuration Switches The module features a bank of DIP switches used to configure: * **Current Settings:** Adjusting the output current to match the motor's rated current. * **Microstepping:** Setting the resolution (e.g., 200, 400, 800, 1600, or 3200 pulses per revolution). * **Step Angle:** Fine-tuning the angular displacement per pulse.
    ✨ Follow-up Questions
    • ⤷ What are the recommended wiring diagrams for the M2SES-2H3-R2?
    • ⤷ How do I calculate the correct current setting for a specific Sanyo Denki motor?
    • ⤷ What is the difference between the R2 and the standard M2SES series?