전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2SP-14-R/CE

  • AI
    The **M2SP-14-R/CE** is a specialized electronic component primarily categorized as an **Interface Module** or **Connector Unit**, typically used in industrial automation for signal distribution, particularly with PLCs (Programmable Logic Controllers) or motion controllers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Overview The M2SP series generally refers to **Interface Terminal Blocks** designed to bridge high-density connectors (like MIL-spec or D-Sub) to standard screw or spring-clamp terminals for field wiring. | Feature | Specification | | :--- | :--- | | **Model Type** | Interface Terminal Module | | **Connector Type** | MIL-C-83503 Standard (typically) | | **Number of Poles** | 14-Pin / 14-Pole | | **Mounting Style** | DIN Rail Mounting (35mm) | | **Wiring Method** | Screw Terminal or Push-in (depending on sub-variant) | | **Certification** | CE (European Conformity) | --- ## 2. Technical Specifications These modules are designed to handle low-voltage control signals rather than high-power loads. ### Electrical Characteristics * **Rated Voltage:** Usually 24V DC / 125V AC (maximum limits). * **Rated Current:** Typically 1A per point (total current limited by common traces). * **Insulation Resistance:** > 100MΩ at 500V DC. * **Dielectric Strength:** 500V AC for 1 minute between terminals. ### Physical/Mechanical Parts * **Housing:** Flame-retardant Polyamide (PA) or PBT plastic. * **Terminals:** Tin-plated copper alloy for high conductivity and corrosion resistance. * **LED Indicators:** The "R" in some naming conventions refers to **Relay** or **Resistor/LED** status monitoring (Checking specific manufacturer datasheets is advised to confirm if this unit includes status LEDs). --- ## 3. Pin Mapping and Connectivity The "14" in the model name indicates a **14-position** layout. This is commonly used for: 1. **Input/Output (I/O) Expansion:** Connecting a 14-pin ribbon cable from a PLC to individual field sensors or actuators. 2. **Signal Conversion:** Transitioning from a high-density IDC (Insulation-Displacement Contact) connector to accessible screw terminals for easy maintenance. --- ## 4. Application Context * **PLC Systems:** Used with brands like Mitsubishi, Omron, or LS Electric where high-density I/O cards are common. * **Control Cabinets:** Minimizes wiring time and space by using pre-assembled cables between the controller and this module. * **Test Benches:** Allows for quick probing of signals via the exposed terminal blocks. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the 14-pin connector on this module?
    • ⤷ Does this model support NPN or PNP logic specifically?
    • ⤷ Are there compatible pre-assembled cables for the M2SP-14-R/CE?